Electronic Components Datasheet Search
  English  ▼

X  

1731785 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1731785
Description  Base strip - MC 1,5/13-G-3,5-RN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731785 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731785 Datasheet HTML 1Page - PHOENIX CONTACT 1731785 Datasheet HTML 2Page - PHOENIX CONTACT 1731785 Datasheet HTML 3Page - PHOENIX CONTACT 1731785 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1731785
10/23/2014   Page 1 / 4
Base strip - MC 1,5/13-G-3,5-RN - 1731785
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 13, Pitch: 3.5 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Product Features
 Versions with engagement noses for locking plugs with self-locking flanges
 Low-profile pin strips with compact pitches
 Plug-in direction parallel and vertical to the PCB
 Individual position coding by inserting coding profiles
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
3.36 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Pitch
3.5 mm
Dimension a
42 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.2 mm
General
Range of articles
MC 1,5/..-G-RN
Insulating material group
IIIa


Similar Part No. - 1731785

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173178 FESTO-173178 Datasheet
95Kb / 2P
Pneumatic valve
More results

Similar Description - 1731785

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731675 PHOENIX-1731675 Datasheet
67Kb / 4P
Base strip - MC 1,5/ 2-G-3,5-RN
1731688 PHOENIX-1731688 Datasheet
67Kb / 4P
Base strip - MC 1,5/ 3-G-3,5-RN
1731691 PHOENIX-1731691 Datasheet
80Kb / 5P
Base strip - MC 1,5/ 4-G-3,5-RN
1731727 PHOENIX-1731727 Datasheet
68Kb / 4P
Base strip - MC 1,5/ 7-G-3,5-RN
1731769 PHOENIX-1731769 Datasheet
69Kb / 4P
Base strip - MC 1,5/11-G-3,5-RN
1731798 PHOENIX-1731798 Datasheet
68Kb / 4P
Base strip - MC 1,5/14-G-3,5-RN
1731808 PHOENIX-1731808 Datasheet
68Kb / 4P
Base strip - MC 1,5/15-G-3,5-RN
1731824 PHOENIX-1731824 Datasheet
67Kb / 4P
Base strip - MC 1,5/17-G-3,5-RN
1731837 PHOENIX-1731837 Datasheet
67Kb / 4P
Base strip - MC 1,5/18-G-3,5-RN
1731840 PHOENIX-1731840 Datasheet
67Kb / 4P
Base strip - MC 1,5/19-G-3,5-RN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com