Electronic Components Datasheet Search
  English  ▼

X  

157232 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 157232
Description  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

157232 Datasheet(HTML) 1 Page - Festo Corporation.

  157232 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
AEVUZ-40-10-P-A
Part number: 157232
Data sheet
Feature
Value
Stroke
10 mm
Piston diameter
40 mm
Type code
AEVUZ
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Single-acting
Pulling
Piston rod end
Internal thread
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991204
Variants
Piston rod at one end
Operating pressure
0.8 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.52 J
Theoretical force at 6 bar, advancing
636 N
Moving mass at 0 mm stroke
63 g
Additional weight per 10 mm stroke
59 g
Basic weight with 0 mm stroke
433 g
Additional moving mass per 10 mm stroke
9 g
Type of mounting
With through-hole
With accessories
Optionally:
Pneumatic connection
G1/8
Flange screws material
Steel, galvanized
Cover material
Wrought aluminum alloy
Material of dynamic seals
NBR
TPE-U(PU)
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
7/23/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 157232

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
157230 FESTO-157230 Datasheet
105Kb / 1P
Compact air cylinder
157231 FESTO-157231 Datasheet
105Kb / 1P
Compact air cylinder
157233 FESTO-157233 Datasheet
105Kb / 1P
Compact air cylinder
157234 FESTO-157234 Datasheet
104Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1572346 PHOENIX-1572346 Datasheet
81Kb / 4P
Sensor/actuator box - SACB-8/ 8-L- 1,0PUR M23FS BK
More results

Similar Description - 157232

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com