Electronic Components Datasheet Search
  English  ▼

X  

FMA411 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMA411
Description  LOW-NOISE X-BAND MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA411 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA411 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
FMA411
LOW-NOISE X-BAND MMIC
Phone: +1 408 850-5790
www.filcs.com
Revised: 7/19/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
PERFORMANCE
♦ 8.5 – 14.0 GHz Operating Bandwidth
♦ 2.6 dB Noise Figure
♦ 18 dB Small-Signal Gain
♦ 17.5 dm Output Power
♦ +6V Single Bias Supply
♦ Adjustable Operating Current
♦ DC De-coupled Input and Output Ports
•
DESCRIPTION AND APPLICATIONS
The FMA411 is a 2-stage, reactively matched pHEMT low-noise MMIC amplifier designed for use
over the 8.5 to 14.0 GHz bandwidth. The amplifier requires a single +6V supply and one off-chip
component for supply de-coupling; the supply voltage can be varied from +3V to +6V if needed.
Both the input and output ports are DC de-coupled. Grounding of the amplifier is provided by plated
thru-vias to the bottom of the die, no additional ground is required. Operating current can be
adjusted using the Source resistor ladders located along the bottom edge, by bonding a particular pad
to ground, in order to optimize noise or power performance.
Typical applications include low-noise front end amplifiers, and general gain block utilizations in X-
band. The amplifier is unconditionally stable over all load states (-45 to +85
°C), and conditionally
stable if the input port is open-circuited.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Frequency Bandwidth
BW
8.5
14
GHz
Small Signal Gain
S21
VDD = +6 V IDD ≈ 60% IDSS
16.5
18
21
dB
Saturated Drain Current
(see Note)
IDSS
VDD = +3V
210
230
270
mA
Operating Current
IDQ
VDD = +6V
125
140
165
mA
Small Signal Gain Flatness
∆S21
VDD = +6 V IDD ≈ 60% IDSS
± 0.8
± 1.2
dB
Noise Figure
NF
VDD = +6 V IDD ≈ 60% IDSS
2.6
3.5
dB
3rd-Order Intermodulation Distortion
IMD
VDD = +6 V IDD ≈ 60% IDSS
POUT = +6 dBm SCL
-46
dBc
Power at 1dB Compression
P1dB
VDD = +6 V IDD ≈ 60% IDSS
16
17.5
dBm
Input Return Loss
S11
VDD = +6 V IDD ≈ 60% IDSS
-10
-6
dB
Output Return Loss
S22
VDD = +6 V IDD ≈ 60% IDSS
-16
-10
dB
Reverse Isolation
S12
VDD = +6 V IDD ≈ 60% IDSS
-40
-35
dB
• NOTE: Continuous operation at IDSS is not recommended


Similar Part No. - FMA411

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FMA49N20T2 ISC-FMA49N20T2 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 2P
General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
571Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4A ROHM-FMA4A Datasheet
1Mb / 10P
Emitter common Dual digital transistor
More results

Similar Description - FMA411

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
X-Band Low Noise Amplifier
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
K/ Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
X-Band Low Noise Amplifier
logo
New Japan Radio
NJG1142KA1 NJRC-NJG1142KA1 Datasheet
692Kb / 18P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1145UA2 NJRC-NJG1145UA2 Datasheet
647Kb / 20P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1146KG1 NJRC-NJG1146KG1 Datasheet
579Kb / 21P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
X-Band Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com