Electronic Components Datasheet Search
  English  ▼

X  

LF-240P Datasheet(PDF) 1 Page - Kemet Corporation

Part # LF-240P
Description  KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 40 A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LF-240P Datasheet(HTML) 1 Page - Kemet Corporation

  LF-240P Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: LF-240P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 40 A
Dimensions
L
210mm NOM
W
120mm NOM
H
75mm NOM
S
60mm NOM
L1
190mm NOM
L2
170mm NOM
W1
100mm NOM
I
40mm NOM
Packaging Specifications
Packaging: Tray, Box
Packaging Quantity: 5
Weight: 3.2 kg
General Information
Series: LF
Style: Metal Box
Description: Metal Box
Features: Large Current
RoHS: Yes
Miscellaneous: 40 K Self-Temperature Rise Max.
Specifications
Voltage AC: 250 VAC
Ripple Current: 40 A (AC/DC)
Rated Temperature: 45°C
Temperature Range: -20/+45°C
Voltage:
250 VDC, 2000 VAC
Withstanding Voltage 1 Min. Line
to Ground
Leakage Current: 1 mA MAX (250 V 60 Hz)
Resistance: 300 MOhms MIN Insulation 500
VDC 1 Min. Line To Ground
© 2006 - 2020 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/22/2020 - 6c50025b-15ef-4ef1-b60f-0898c41f696b


Similar Part No. - LF-240P

ManufacturerPart #DatasheetDescription
logo
NEC
LF-240P NEC-LF-240P Datasheet
3Mb / 51P
Noise Filters
More results

Similar Description - LF-240P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LF-202-9 KEMET-LF-202-9 Datasheet
79Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 2 A
LF-202U-1 KEMET-LF-202U-1_V01 Datasheet
114Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 2 A
LF-215F KEMET-LF-215F Datasheet
76Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
LF-250P KEMET-LF-250P Datasheet
82Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 50 A
LF-260N KEMET-LF-260N Datasheet
110Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 60 A
LF-305 KEMET-LF-305 Datasheet
81Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
MA-2043 KEMET-MA-2043 Datasheet
91Kb / 1P
KEMET, MA, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 4 A
LF-215N KEMET-LF-215N Datasheet
82Kb / 1P
KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
GT-205J KEMET-GT-205J Datasheet
93Kb / 1P
KEMET, GT, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
VC-215F3V KEMET-VC-215F3V Datasheet
78Kb / 1P
KEMET, VC, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com