Electronic Components Datasheet Search
  English  ▼

X  

BTS7200-2EPA Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # BTS7200-2EPA
Description  PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7200-2EPA Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button BTS7200-2EPA Datasheet HTML 35Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 36Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 37Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 38Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 39Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 40Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 41Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 42Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
39
Rev. 1.03
2019-10-15
BTS7200-2EPA
PROFET™+2 12V
Protection
Overload Detection Current
at High VDS
IL(OVL1)
–6
–A
2)
dI/dt = 0.05 A/µs
see Figure 24
P_8.7.9.5
Overload Detection Current
Jump Start Condition
IL(OVL_JS)
–6
–A
2)
VS > VS(JS)
dI/dt = 0.05 A/µs
see Figure 26
P_8.7.9.6
1) Functional test only.
2) Not subject to production test - specified by design.
Table 17
Electrical Characteristics: Protection - 200 mΩ (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com