Electronic Components Datasheet Search
  English  ▼

X  

1733110 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1733110
Description  Printed-circuit board connector - FKCN 2,5/18-STF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1733110 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1733110 Datasheet HTML 1Page - PHOENIX CONTACT 1733110 Datasheet HTML 2Page - PHOENIX CONTACT 1733110 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1733110
10/22/2014   Page 1 / 3
Printed-circuit board connector - FKCN 2,5/18-STF - 1733110
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 400 V, Number of positions: 18, Pitch: 5 mm,
Connection method: Spring-cage connection, Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
21.7 GRM
Custom tariff number
85366990
Country of origin
Bulgaria
Technical data
Dimensions
Pitch
5 mm
Dimension a
85 mm
General
Range of articles
FKCN 2,5/..-STF
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A


Similar Part No. - 1733110

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1733107 PHOENIX-1733107 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/17-STF
1733127 PHOENIX-1733127 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 2-7,62
logo
List of Unclassifed Man...
1733139 ETC2-1733139 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
logo
PHOENIX CONTACT
1733169 PHOENIX-1733169 Datasheet
143Kb / 6P
The illustration shows a combination as a 15-position version
1733169 PHOENIX-1733169 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
More results

Similar Description - 1733110

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754791 PHOENIX-1754791 Datasheet
69Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 2-STF-5,08
1733107 PHOENIX-1733107 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/17-STF
1754953 PHOENIX-1754953 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/18-STF-5,08
1732975 PHOENIX-1732975 Datasheet
348Kb / 11P
Printed-circuit board connector - FKCN 2,5/ 3-STF
02/04/2022
1733000 PHOENIX-1733000 Datasheet
339Kb / 10P
Printed-circuit board connector - FKCN 2,5/ 6-STF
02/04/2022
1732988 PHOENIX-1732988 Datasheet
213Kb / 12P
Printed-circuit board connector - FKCN 2,5/ 4-STF
09/11/2020
1732991 PHOENIX-1732991 Datasheet
211Kb / 12P
Printed-circuit board connector - FKCN 2,5/ 5-STF
09/11/2020
1733055 PHOENIX-1733055 Datasheet
210Kb / 12P
Printed-circuit board connector - FKCN 2,5/12-STF
09/11/2020
1754924 PHOENIX-1754924 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/15-STF-5,08
09/12/2020
1754937 PHOENIX-1754937 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/16-STF-5,08
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com