Electronic Components Datasheet Search
  English  ▼

X  

1733822 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1733822
Description  Printed-circuit board connector - IPC 16/ 3-G-10,16 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1733822 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1733822 Datasheet HTML 1Page - PHOENIX CONTACT 1733822 Datasheet HTML 2Page - PHOENIX CONTACT 1733822 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1733822
10/23/2014   Page 1 / 3
Printed-circuit board connector - IPC 16/ 3-G-10,16 BK - 1733822
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 76 A, Number of positions: 3, Pitch: 10.16 mm, Color: black, Contact surface: Silver
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
11.6 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Pitch
10.16 mm
Dimension a
20.32 mm
General
Range of articles
IPC 16/..-G
Rated voltage (III/3)
1000 V
Nominal current IN
76 A
Color
black
Number of positions
3
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121


Similar Part No. - 1733822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1733819 PHOENIX-1733819 Datasheet
51Kb / 3P
Printed-circuit board connector - IPC 16/ 2-G-10,16 BK
1733842 PHOENIX-1733842 Datasheet
56Kb / 5P
PCB terminal block - MKDS 3/ 9
1733851 PHOENIX-1733851 Datasheet
53Kb / 3P
Printed-circuit board connector - PC 6-16/ 3-G1-10,16 BK
1733868 PHOENIX-1733868 Datasheet
64Kb / 5P
PCB terminal block - SMKDSN 1,5/ 2-5,08 BK
More results

Similar Description - 1733822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1975820 PHOENIX-1975820 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 3-STGF-10,16
1702479 PHOENIX-1702479 Datasheet
51Kb / 3P
Printed-circuit board connector - SPC 16/ 3-ST-10,16 BK
1733819 PHOENIX-1733819 Datasheet
51Kb / 3P
Printed-circuit board connector - IPC 16/ 2-G-10,16 BK
1737323 PHOENIX-1737323 Datasheet
71Kb / 5P
Printed-circuit board connector - IPC 16/ 3-STF-SH-10,16
1751079 PHOENIX-1751079 Datasheet
41Kb / 2P
Printed-circuit board connector - IPC 16/ 3-G-10,16 1CSS1
1975846 PHOENIX-1975846 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 5-STGF-10,16
1975859 PHOENIX-1975859 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 6-STGF-10,16
1975875 PHOENIX-1975875 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 8-STGF-10,16
1975888 PHOENIX-1975888 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 9-STGF-10,16
1969548 PHOENIX-1969548 Datasheet
147Kb / 5P
IPC 16/ 3-G-10,16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com