Electronic Components Datasheet Search
  English  ▼

X  

1734016 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1734016
Description  Printed-circuit board connector - MVSTBU 2,5/ 3-STF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1734016 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1734016 Datasheet HTML 1Page - PHOENIX CONTACT 1734016 Datasheet HTML 2Page - PHOENIX CONTACT 1734016 Datasheet HTML 3Page - PHOENIX CONTACT 1734016 Datasheet HTML 4Page - PHOENIX CONTACT 1734016 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1734016
10/28/2014   Page 1 / 5
Printed-circuit board connector - MVSTBU 2,5/ 3-STF - 1734016
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 3, Pitch: 5 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
6.55 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
10 mm
General
Range of articles
MVSTBU 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
320 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Number of positions
3


Similar Part No. - 1734016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734003 PHOENIX-1734003 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 2-STF
1734029 PHOENIX-1734029 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 4-STF
1734032 PHOENIX-1734032 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 5-STF
logo
Tyco Electronics
1734035-2 MACOM-1734035-2 Datasheet
386Kb / 4P
MINI USB, R/A, SMT, B TYBE
logo
TE Connectivity Ltd
1734035-4 TEC-1734035-4 Datasheet
7Mb / 116P
Products for Mobile Equipment
More results

Similar Description - 1734016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734003 PHOENIX-1734003 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 2-STF
1734029 PHOENIX-1734029 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 4-STF
1734032 PHOENIX-1734032 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 5-STF
1734045 PHOENIX-1734045 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 6-STF
1734058 PHOENIX-1734058 Datasheet
60Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 7-STF
1734061 PHOENIX-1734061 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 8-STF
1734074 PHOENIX-1734074 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 9-STF
1734087 PHOENIX-1734087 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/10-STF
1734090 PHOENIX-1734090 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/11-STF
1734100 PHOENIX-1734100 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/12-STF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com