Electronic Components Datasheet Search
  English  ▼

X  

1734045 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1734045
Description  Printed-circuit board connector - MVSTBU 2,5/ 6-STF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1734045 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1734045 Datasheet HTML 1Page - PHOENIX CONTACT 1734045 Datasheet HTML 2Page - PHOENIX CONTACT 1734045 Datasheet HTML 3Page - PHOENIX CONTACT 1734045 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1734045
09.01.2013   Page 1 / 4
Printed-circuit board connector - MVSTBU 2,5/ 6-STF - 1734045
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch:
5 mm, Connection method: Screw connection, Color: green, Contact surface: Tin, Assembly: Direct
mounting
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
25 mm
Number of positions
6
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
MVSTBU 2,5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
320 V
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Connection data


Similar Part No. - 1734045

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173404 FESTO-173404 Datasheet
99Kb / 2P
Air solenoid valve
logo
Tyco Electronics
1734047-1 MACOM-1734047-1 Datasheet
1Mb / 22P
Easy connections to equipment
More results

Similar Description - 1734045

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734003 PHOENIX-1734003 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 2-STF
1734016 PHOENIX-1734016 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 3-STF
1734029 PHOENIX-1734029 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 4-STF
1734032 PHOENIX-1734032 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/ 5-STF
1734058 PHOENIX-1734058 Datasheet
60Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 7-STF
1734061 PHOENIX-1734061 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 8-STF
1734074 PHOENIX-1734074 Datasheet
61Kb / 5P
Printed-circuit board connector - MVSTBU 2,5/ 9-STF
1734087 PHOENIX-1734087 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/10-STF
1734090 PHOENIX-1734090 Datasheet
57Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/11-STF
1734100 PHOENIX-1734100 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/12-STF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com