Electronic Components Datasheet Search
  English  ▼

X  

HLL26070 Datasheet(PDF) 1 Page - Schneider Electric

Part # HLL26070
Description  Circuit breaker, PowerPact H, thermal magnetic, 70A, 2 pole, 600V, 50kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HLL26070 Datasheet(HTML) 1 Page - Schneider Electric

  HLL26070 Datasheet HTML 1Page - Schneider Electric HLL26070 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HLL26070
Circuit breaker, PowerPact H, thermal magnetic,
70A, 2 pole, 600V, 50kA
Price** : 2,613.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact H
Trip Unit Type
Thermal-magnetic
Breaking capacity code
L
Complementary
Line Rated Current
70 A
Number of Poles
2P
Interrupt Rating
20 kA 250 V DC
50 kA 500 V DC
125 kA 240 V AC
100 kA 480 V AC
50 kA 600 V AC
[Ue] rated operational voltage
250 V DC
600 V AC
500 V DC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
Wire Gauge
AWG 14...AWG 3/0 aluminium/copper
Magnetic hold current
800 A
Magnetic tripping current
1450 A
Maximum Height
6.4 in (162.56 mm)
Width
2.74 in (69.60 mm)
Depth
4.36 in (110.74 mm)
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.15 in² (2.5…95 mm²) AWG 14...AWG 3/0)
Jul 13, 2020
1


Similar Part No. - HLL26070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HLL26070C SCHNEIDER-HLL26070C Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 2 pole, 600V, 50kA, 100% rated
Jul 27, 2020
More results

Similar Description - HLL26070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDL26070 SCHNEIDER-HDL26070 Datasheet
130Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 2 pole, 600V, 14kA
Jul 13, 2020
HLL26030 SCHNEIDER-HLL26030 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 30A, 2 pole, 600V, 50kA
Jul 14, 2020
HLL26060 SCHNEIDER-HLL26060 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 60A, 2 pole, 600V, 50kA
Jul 13, 2020
HLL26100 SCHNEIDER-HLL26100 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 100A, 2 pole, 600V, 50kA
Jul 13, 2020
HLL36070 SCHNEIDER-HLL36070 Datasheet
155Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 50kA
Jul 14, 2020
HLL36070C SCHNEIDER-HLL36070C Datasheet
170Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 50kA, 100% rated
Jul 13, 2020
HLL26035 SCHNEIDER-HLL26035 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 35A, 2 pole, 600V, 50kA
Jul 26, 2020
HLL26040 SCHNEIDER-HLL26040 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 40A, 2 pole, 600V, 50kA
Jul 27, 2020
HLL26070C SCHNEIDER-HLL26070C Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 2 pole, 600V, 50kA, 100% rated
Jul 27, 2020
HLL26090 SCHNEIDER-HLL26090 Datasheet
138Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 90A, 2 pole, 600V, 50kA
Jul 27, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com