Electronic Components Datasheet Search
  English  ▼

X  

CDCVF857RHAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857RHAT
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857RHAT Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF857RHAT Datasheet HTML 1Page - Texas Instruments CDCVF857RHAT Datasheet HTML 2Page - Texas Instruments CDCVF857RHAT Datasheet HTML 3Page - Texas Instruments CDCVF857RHAT Datasheet HTML 4Page - Texas Instruments CDCVF857RHAT Datasheet HTML 5Page - Texas Instruments CDCVF857RHAT Datasheet HTML 6Page - Texas Instruments CDCVF857RHAT Datasheet HTML 7Page - Texas Instruments CDCVF857RHAT Datasheet HTML 8Page - Texas Instruments CDCVF857RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Recommended Applications:
− DDR Memory Modules
(DDR400/333/266/200)
− Zero Delay Fan-Out Buffer
D Spread Spectrum Clock Compatible
D Operating Frequency: 60 MHz to 220 MHz
D Low Jitter (Cycle-Cycle): ±35 ps
D Low Static Phase Offset: ±50 ps
D Low Jitter (Period): ±30 ps
D 1-To-10 Differential Clock Distribution
(SSTL2)
D Best in Class for VOX = VDD/2 ±0.1 V
D Operates From Dual 2.6-V or 2.5-V Supplies
D Available in a 40-Pin MLF Package, 48-Pin
TSSOP Package, 56-Ball MicroStar Junior
BGA Package
D Consumes < 100-µA Quiescent Current
D External Feedback Pins (FBIN, FBIN) Are
Used to Synchronize the Outputs to the
Input Clocks
D Meets/Exceeds JEDEC Standard
(JESD82−1) For DDRI-200/266/333
Specification
D Meets/Exceeds Proposed DDRI-400
Specification (JESD82−1A)
D Enters Low-Power Mode When No CLK
Input Signal Is Applied or PWRDWN Is Low
description
The CDCVF857 is a high-performance, low-skew, low-jitter, zero-delay buffer that distributes a differential clock
input pair (CLK, CLK) to 10 differential pairs of clock outputs (Y[0:9], Y[0:9]) and one differential pair of feedback
clock outputs (FBOUT, FBOUT). The clock outputs are controlled by the clock inputs (CLK, CLK), the feedback
clocks (FBIN, FBIN), and the analog power input (AVDD). When PWRDWN is high, the outputs switch in phase
and frequency with CLK. When PWRDWN is low, all outputs are disabled to a high-impedance state (3-state)
and the PLL is shut down (low-power mode). The device also enters this low-power mode when the input
frequency falls below a suggested detection frequency that is below 20 MHz (typical 10 MHz). An input
frequency detection circuit detects the low frequency condition and, after applying a >20-MHz input signal, this
detection circuit turns the PLL on and enables the outputs.
When AVDD is strapped low, the PLL is turned off and bypassed for test purposes. The CDCVF857 is also able
to track spread spectrum clocking for reduced EMI.
Because the CDCVF857 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the
PLL. This stabilization time is required following power up. The CDCVF857 is characterized for both commercial
and industrial temperature ranges.
AVAILABLE OPTIONS
TA
TSSOP (DGG)
40-Pin MLF
56-Ball BGA †
−40
°C to 85°C
CDCVF857DGG
(Pb-Free)
CDCVF857RTB
CDCVF857GQL
−40
°C to 85°C
CDCVF857RHA
(Pb-Free, Green)
† Maximum load recommended is 12 pf for 200 MHz. At 12-pf load, maximum TA allowed is 70°C.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CDCVF857RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857RHAT TI1-CDCVF857RHAT Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857RHAT TI1-CDCVF857RHAT Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857RHATG4 TI1-CDCVF857RHATG4 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857RHATG4 TI1-CDCVF857RHATG4 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Similar Description - CDCVF857RHAT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
2.5-V Phase-lock Loop Clock Driver
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com