Electronic Components Datasheet Search
  English  ▼

X  

FR317LSC Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FR317LSC
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR317LSC Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FR317LSC Datasheet HTML 1Page - First Silicon Co., Ltd FR317LSC Datasheet HTML 2Page - First Silicon Co., Ltd FR317LSC Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
The FR317LSC is adjustable 3-terminal positive voltage
regulator capable of supplying in excess of 100mA over a 1.2V
to 18.5V output range.
This is exceptionally easy to use and require only two external
resistors to set the output voltage.
Further, it employ internal current limiting, thermal
shutdown and safe area compensation.
FEATURES
Adjustable output between 1.2V and 18.5V
Guaranteed 100mA output current
Line regulation typically 0.01%/V
Load regulation typically 0.1%
80dB ripple rejection (with Cadj)
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
BLOCK DIAGRAM
+
-
Protection
Circuitry
Voltage
Reference
I2
I3
1
I
IN
V
Adj
VO
2010. 02. 04
1/3
SEMICONDUCTOR
TECHNICAL DATA
FR317LSC
Revision No : 0
DIM MILLIMETERS
A
B
D
E
SOT-26
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
1
6
4
+_
+_
+_
+_
+_
1.
2. OUTPUT
3.
ADJUSTABLE
INPUT
4.
5. OUTPUT
6.
NC
NC


Similar Part No. - FR317LSC

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FR317LS FS-FR317LS Datasheet
258Kb / 5P
3-TERMINAL 0.1A POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - FR317LSC

ManufacturerPart #DatasheetDescription
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
3-Terminal Positive Adjustable Regulator
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317L FS-FR317L Datasheet
197Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com