Electronic Components Datasheet Search
  English  ▼

X  

FRR8 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FRR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FRR8 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FRR8 Datasheet HTML 1Page - First Silicon Co., Ltd FRR8 Datasheet HTML 2Page - First Silicon Co., Ltd FRR8 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 9. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FRR8
Revision No : 0
High Input Voltage Adjustable 3-Terminal Linear Regulator
Features
■ 12V to 450V input voltage range
■ Adjustable 1.20V to 440V output regulation
■ 5% output voltage tolerance
■ Output current limiting
■ 10µA typical ADJ current
■ Internal junction temperature limiting
Applications
■ Off-line SMPS startup circuits
■ Adjustable high voltage constant current
source
■ Industrial Controls
■ Motor controls
■ Battery chargers
■ Power supplies
General Description
The FRR8 is a high voltage, low output current, adjustable
linear regulator. It has a wide operating input voltage range
of 12V to 450V. The output voltage can be adjusted from
1.20V to 440V provided that the input voltage is at least
10V greater than the output voltage. The output voltage can
be adjusted by means of two external resistors R1 and R2
as shown in the typical application circuits. The AnR8
regulates the voltage difference between VOUT and ADJ
pins to a nominal value of 1.20V. The 1.20V is amplified
by the external resistor ratio R1 and R2. An internal
constant bias current of typically 10uA is cnnnected to
ADJ pin. This increases VOUT by a constant viltage of 10uA
times R2.
The AnR8 has current limiting and temperature limiting.
The output current limit is typically 15mA and the minimum
temperature limit is 125℃. An output short circuit current
will therefore be limited to 15mA. When the junction
temperature reaches its temperature limit, the output
current and/or output voltage will decrease to keep the
junction temperature from exceeding its temperature limit.
For SMPS start-up circuit applications, the AnR8 turns off
when an external voltage greater than the output voltage of
the FRR8 is applied to VOUT of the AnR8. To maintain
DC output current of 500uA are required.
The device is available in SOT-89 and TO-252 packages.
FRR8 Block Diagram and Typical Application
*Required for conditions where VIN is less than VOUT.
FRR8
stability, a bypass capacitor of 1.0uF or larger and a minimum


Similar Part No. - FRR8

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FRR-10X PREMO-FRR-10X Datasheet
153Kb / 1P
General Purpose
FRR-10Z PREMO-FRR-10Z Datasheet
153Kb / 1P
General Purpose
FRR-1X PREMO-FRR-1X Datasheet
153Kb / 1P
General Purpose
FRR-1Z PREMO-FRR-1Z Datasheet
153Kb / 1P
General Purpose
FRR-3X PREMO-FRR-3X Datasheet
153Kb / 1P
General Purpose
More results

Similar Description - FRR8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
Supertex, Inc
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
High Input Voltage, Adjustable 3-Terminal Linear Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com