Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7125R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # AUIPS7125R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7125R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button AUIPS7125R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 9Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 10Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 11Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AUIPS7125R
Maximum Vcc voltage with short circuit protection
The maximum Vcc voltage with short circuit is the maximum voltage for which the part is able to protect itself under test
conditions representative of the application. 2 kind of short circuits are considered : terminal and load short circuit.
Out
IPS
Vcc
L SC
L supply
5µH
R supply
10mohm
R SC
L SC
R SC
Terminal SC
0.1 µH
10 mohm
Load SC
10 µH
100 mohm
Maximum current during reverse circulation
In case of short circuit to battery, a voltage drop of the Vcc may create a current which circulate in reverse mode. When
the device is on, this reverse circulation current will not trigger the internal fault latch. This immunization is also true when
the part turns on while a reverse current flows into the device. The maximum current (I rev) is specified in the maximum
rating section.
www.irf.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com