Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 118 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 118 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 114Page - Exar Corporation XRT7250 Datasheet HTML 115Page - Exar Corporation XRT7250 Datasheet HTML 116Page - Exar Corporation XRT7250 Datasheet HTML 117Page - Exar Corporation XRT7250 Datasheet HTML 118Page - Exar Corporation XRT7250 Datasheet HTML 119Page - Exar Corporation XRT7250 Datasheet HTML 120Page - Exar Corporation XRT7250 Datasheet HTML 121Page - Exar Corporation XRT7250 Datasheet HTML 122Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
99
The contents of this register, along with Tx TTB-1
through Tx TTB-13 and Tx TTB-15 are used to trans-
mit 15 ASCII characters required for the E.164 num-
bering format.
2.3.6.22 Transmit E3 TTB-15 Register (E3, ITU-T
G.832)
This Read/Write byte-field, along with the Tx TTB-0
through Tx TTB-14 registers allows a user to define a
Trail Access Point Identifier sequence of bytes, that
will be transmitted to the Far-End Terminal. The Far-
End Receiving Terminal will use this sequence of
bytes to verify that it is connected to the proper Trans-
mitting Terminal. The Transmit E3 Framer will take
the contents of these 16 registers, and insert them in-
to the TR byte of the outbound E3 frame. In the six-
teenth of a set of 16 E3 Frames, the Transmit E3
Framer will read in the contents of this register, and
insert it into the TR byte-field, within the very next out-
bound E3 frame.
The contents of this register, along with Tx TTB-1
through Tx TTB-15 are used to transmit 15 ASCII
characters required for the E.164 numbering format.
2.3.6.23 Transmit E3 FA1 Byte Error Mask Reg-
ister (E3, ITU-T G.832)
This Read/Write bit-field allows the user to insert er-
rors into the Framing Alignment octet, FA1 of each
outbound E3 frame. The user may wish to do this for
equipment testing purposes. Prior to transmission,
the Transmit E3 Framer reads in the FA1 byte, and
performs an XOR operation with it and the contents of
this register. The results of this operation are written
back into the FA1 octet position, in each outbound E3
frame. Consequently, to insure errors are not injected
into the FA1 octet of the outbound E3 frames, the
contents of this register must be set to all “0’s” (the
default value).
2.3.6.24 Transmit E3 FA2 Byte Error Mask Reg-
ister (E3, ITU-T G.832)
This Read/Write bit-field allows the user to insert er-
rors into the Framing Alignment octet, FA2 of each
outbound E3 frame. The user may wish to do this for
equipment testing purposes. Prior to transmission,
the Transmit E3 Framer reads in the FA2 byte, and
performs an XOR operation with it and the contents of
this register. The results of this operation are written
back into the FA2 octet position, in each outbound E3
frame. Consequently, to insure errors are not injected
into the FA2 octet of the outbound E3 frames, the
TXE3 TTB-15 REGISTER (ADDRESS = 0X47)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxTTB-15[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
TXE3 FA1 ERROR MASK REGISTER (ADDRESS = 0X48)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxFA1_Error_Mask_Byte[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
TXE3 FA2 ERROR MASK REGISTER (ADDRESS = 0X49)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxFA2_Error_Mask_Byte[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com