Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 160 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 160 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 156Page - Exar Corporation XRT7250 Datasheet HTML 157Page - Exar Corporation XRT7250 Datasheet HTML 158Page - Exar Corporation XRT7250 Datasheet HTML 159Page - Exar Corporation XRT7250 Datasheet HTML 160Page - Exar Corporation XRT7250 Datasheet HTML 161Page - Exar Corporation XRT7250 Datasheet HTML 162Page - Exar Corporation XRT7250 Datasheet HTML 163Page - Exar Corporation XRT7250 Datasheet HTML 164Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
141
ter and the Terminal Equipment is referred to as the
Frame Slave.
Finally, the XRT7250 will pulse its TxOH_Ind output
pin, one bit-period prior to it processing a given over-
head bit, within the outbound DS3 frame. Since the
TxOH_Ind output pin (of the XRT7250) is electrically
connected to the DS3_Overhead_Ind whenever the
XRT7250 pulses the TxOH_Ind output pin "High", it
will also be driving the DS3_Overhead_Ind input pin
(of the Terminal Equipment) "High". Whenever the
Terminal Equipment detects this pin toggling "High", it
should delay transmission of the very next DS3 frame
payload bit by one clock cycle.
The behavior of the signal between the XRT7250 and
the Terminal Equipment for DS3 Mode 3 Operation is
illustrated in Figure 49.
How to configure the XRT7250 to operate in this
mode.
1. Set the NibIntf input pin "Low".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to "10” or “11"
as depicted below.
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 48.
FIGURE 49. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL EQUIP-
MENT
(DS3 MODE 3 OPERATION)
Terminal Equipment Signals
DS3_Clock_In
DS3_Data_Out
Tx_Start_of_Frame
DS3_Overhead_Ind
XRT7250 Transmit Payload Data I/F Signals
TxInClk
TxSer
TxFrame
TxOH_Ind
Payload[4702]
Payload[4703]
X-Bit
Payload[1]
Payload[4702]
Payload[4703]
X-Bit
Payload[1]
Note: X-Bit will not be processed by the
Transmit Payload Data Input Interface.
DS3 Frame Number N
DS3 Frame Number N + 1
Note: TxFrame pulses high to denote
DS3 Frame Boundary.
Note: TxOH_Ind pulses high to
denote Overhead Data
(e.g., the X-bit).
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local Loopback
DS3/E3*
Internal LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
10
1
0
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com