Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 168 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 168 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 164Page - Exar Corporation XRT7250 Datasheet HTML 165Page - Exar Corporation XRT7250 Datasheet HTML 166Page - Exar Corporation XRT7250 Datasheet HTML 167Page - Exar Corporation XRT7250 Datasheet HTML 168Page - Exar Corporation XRT7250 Datasheet HTML 169Page - Exar Corporation XRT7250 Datasheet HTML 170Page - Exar Corporation XRT7250 Datasheet HTML 171Page - Exar Corporation XRT7250 Datasheet HTML 172Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
149
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 54.
4.2.2
The Transmit Overhead Data Input Inter-
face
Figure 56 presents a simple illustration of the Trans-
mit Overhead Data Input Interface block within the
XRT7250.
The DS3 Frame consists of 4760 bits. Of these bits,
4704 bits are payload bits and the remaining 56 bits
are overhead bits. The XRT7250 has been designed
to handle and process both the payload type and
overhead type bits for each DS3 frame. Within the
Transmit Section within the XRT7250, the Transmit
Payload Data Input Interface has been designed to
handle the payload data. Likewise, the Transmit
Overhead Data Input Interface has been designed to
handle and process the overhead bits.
The Transmit Section of the XRT7250 generates or
processes the various overhead bits within the DS3
frame, in the following manner.
The Frame Synchronization Overhead Bits (e.g.,
the F and M bits)
The F and M bits are always internally generated by
the Transmit Section of the XRT7250. These over-
head bits are used (by the Remote Terminal Equip-
ment) for Frame Synchronization purposes. Hence,
the user cannot insert his/her value for the F and M
bits into the outbound DS3 data stream, via the
Transmit Overhead Data Input Interface. Any attempt
to externally insert values for the “F” and “M” bits, will
be ignored by the Transmit Overhead Data Input In-
terface"High" block.
The Performance Monitoring Overhead Bits (P
and CP Bits)
The P-bits are always internally generated by the
Transmit Section of the XRT7250. The “P” bits are
used by the Remote Terminal Equipment to perform
00
1
0
1
0
1
x
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
FIGURE 56. SIMPLE ILLUSTRATION OF THE TRANSMIT OVERHEAD DATA INPUT INTERFACE BLOCK
Transmit
Overhead
Data Input
Interface Block
Transmit
Overhead
Data Input
Interface Block
TxOHFrame
TxOHEnable
TxOH
TxOHClk
TxOHIns
To Transmit DS3 Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com