Electronic Components Datasheet Search
  English  ▼

X  

XRT7250 Datasheet(PDF) 382 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 382 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 378Page - Exar Corporation XRT7250 Datasheet HTML 379Page - Exar Corporation XRT7250 Datasheet HTML 380Page - Exar Corporation XRT7250 Datasheet HTML 381Page - Exar Corporation XRT7250 Datasheet HTML 382Page - Exar Corporation XRT7250 Datasheet HTML 383Page - Exar Corporation XRT7250 Datasheet HTML 384Page - Exar Corporation XRT7250 Datasheet HTML 385Page - Exar Corporation XRT7250 Datasheet HTML 386Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
363
TABLE 75: THE RELATIONSHIP BETWEEN THE NUMBER OF TXOHENABLE PULSES (SINCE THE LAST OCCURRENCE OF
THE
TXOHFRAME PULSE) TO THE E3 OVERHEAD BIT, THAT IS BEING PROCESSED BY THE XRT7250
NUMBER OF TXOHENABLE PULSES
THE OVERHEAD BIT EXPECTED BY THE
XRT7250
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?
0 (Clock edge is coincident with TxO-
HFrame being detected “High”)
FA1 Byte - Bit 7
Yes
1
FA1 Byte - Bit 6
No
2
FA1 Byte - Bit 5
No
3
FA1 Byte - Bit 4
No
4
FA1 Byte - Bit 3
No
5
FA1 Byte - Bit 2
No
6
FA1 Byte - Bit 1
No
7
FA1 Byte - Bit 0
No
8
FA2 Byte - Bit 7
No
9
FA2 Byte - Bit 6
No
10
FA2 Byte - Bit 5
No
11
FA2 Byte - Bit 4
No
12
FA2 Byte - Bit 3
No
13
FA2 Byte - Bit 2
No
14
FA2 Byte - Bit 1
No
15
FA2 Byte - Bit 0
No
16
EM Byte - Bit 7
No
17
EM Byte - Bit 6
No
18
EM Byte - Bit 5
No
19
EM Byte - Bit 4
No
20
EM Byte - Bit 3
No
21
EM Byte - Bit 2
No
22
EM Byte - Bit 1
No
23
EM Byte - Bit 0
No
24
TR Byte - Bit 7
Yes
25
TR Byte - Bit 6
Yes
26
TR Byte - Bit 5
Yes
27
TR Byte - Bit 4
Yes
28
TR Byte - Bit 3
Yes
29
TR Byte - Bit 2
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com