Electronic Components Datasheet Search
  English  ▼

X  

BTS71040-4ESE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS71040-4ESE
Description  SPOC??2 4x 22.5 m廓 SPI Power Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS71040-4ESE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS71040-4ESE Datasheet HTML 3Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 4Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 5Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 6Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 7Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 8Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 9Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 10Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Data Sheet
7
Rev. 1.00
2018-10-16
BTS71040-4ESE
SPOC™+2
Pin Configuration
3.2
Pin Definitions and Functions
Table 2
Pin Definition
Pin
Symbol
I/O Function
EP
VS
(exposed pad)
-
Power Supply Voltage
Battery voltage
1GND
-
Ground
2VDD
-
Digital Supply Voltage
3SO
O
Serial output of SPI interface
4SI
I
Serial input of SPI interface (“high” active)
5SCLK
I
Serial clock of SPI interface (“high” active)
6CSN
I
Chip select of SPI interface (“low” active); integrated pull up to VDD
7LHI
I
Limp Home activation signal (“high” active)
8, 9
INn
I
Input Channel n
Digital signal to switch ON the channel n (“high” active)
If not used: connect with a 10 kΩ resistor either to GND pin or to module
ground
10
EDD
O
External driver diagnosis enable signal
Digital signal to activate the diagnosis of an external controlled device
11
EDO
O
External driver output enable signal
Digital signal to activate the output of an external controlled device
12
IS
O
Current sense output signal
23-24
n.c.
-
Not connected, internally not bonded, shorted together
21-22
19-20
17-18
15-16
OUTn
O
Output n
Protected high-side power output of channel n1)
1) All output pins of the channel must be connected together on the PCB. All pins of the output are internally connected
together. PCB traces have to be designed to withstand the maximum current which can flow.
13-14
n.c.
-
Not connected, internally not bonded, shorted together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com