Electronic Components Datasheet Search
  English  ▼

X  

XRT7250IQ100 Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT7250IQ100
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250IQ100 Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT7250IQ100 Datasheet HTML 61Page - Exar Corporation XRT7250IQ100 Datasheet HTML 62Page - Exar Corporation XRT7250IQ100 Datasheet HTML 63Page - Exar Corporation XRT7250IQ100 Datasheet HTML 64Page - Exar Corporation XRT7250IQ100 Datasheet HTML 65Page - Exar Corporation XRT7250IQ100 Datasheet HTML 66Page - Exar Corporation XRT7250IQ100 Datasheet HTML 67Page - Exar Corporation XRT7250IQ100 Datasheet HTML 68Page - Exar Corporation XRT7250IQ100 Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
46
a. Perform the initial write operation of the burst
access.
b. Perform the remaining write operations, of the
burst access.
c. Terminate the burst access operation.
Each of these operations within the burst access are
described below.
2.2.2.2.1.2.1
The Initial Write Operation
The initial write operation of an Intel-type Write Burst
Access is accomplished by executing a Programmed
I/O write cycle as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Write cycle, as described in Steps A.1
through A.7 below.
A.1
Place the address of the initial target register
(or buffer location) within the Framer, on the
Address Bus pins, A[8:0].
A.2
At the same time, the Address-Decoding cir-
cuitry (within the user's system) should assert
the CS (Chip Select) input pin of the Framer, by
toggling it "Low". This step enables further
communication between the µC/µP and the
Framer Microprocessor Interface block.
A.3
Assert the ALE_AS (Address Latch Enable)
input pin "High". This step enables the Address
Bus input drivers, within the Microprocessor
Interface Block of the Framer.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Setup time), the µC/µP should then toggle the
ALE_AS input pin "Low". This step latches the
contents, on the Address Bus pins, A[8:0], into
the XRT7250 DS3/E3 Framer Microprocessor
Interface block. At this point, the initial address
of the burst access has now been selected.
NOTE: The ALE_AS input pin should remain "Low" for the
remainder of this Burst I/O Access operation.
A.5
Next, the µC/µP should indicate that this cur-
rent bus cycle is a Write operation by keeping
the RD_DS pin "High" and toggling the
WR_RW (Write Strobe) pin "Low". This action
also enables the bi-directional data bus input
drivers of the Framer device.
A.6
The µC/µP places the byte (or word) that it
intends to write into the target register on the
bi-directional data bus, D[7:0].
A.7
After waiting the appropriate amount of time, for
the data (on the bi-directional data bus) to set-
tle, the µC/µP should toggle the WR_RW (Write
Strobe) input pin "High". This action accom-
plishes two things.
a. It latches the contents of the bi-directional data
bus into the XRT7250 DS3/E3 Framer Micropro-
cessor Interface Block.
b. It terminates the write cycle.
Figure 31 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during the initial write operation within a Burst Ac-
cess, for an Intel-type µC/µP.
At the completion of this initial write cycle, the µC/µP
has written a byte or word into the first register or
buffer location (within the XRT7250 DS3/E3 Framer)
for this particular burst access operation. In order to
FIGURE 31. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE INITIAL WRITE OPERATION OF
A
BURST CYCLE (INTEL-TYPE PROCESSOR)
Address of Initial Target Register (offset = 0x00)
Data to be written (offset = 0x00)
ALE_AS
A[8:0]
CS
D[7:0]
RD_DS
WR_RW
RDY_DTCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com