Electronic Components Datasheet Search
  English  ▼

X  

RC6432J100CS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RC6432J100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC6432J100CS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RC6432J100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RC6432J100CS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
14
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
●
WINDOW DIMENSIONS
A
B
t
0.7±0.10
1.20±0.10
0.5(MAX)
2.80
5.32±0.20
1.10(MAX)
3.50±0.10
6.75±0.10
1.10(MAX)
RC 1005
(1/16W)
RC 5025
(1/2W)
RC 6432
(1W)
SIGN.
ITEM
(mm)
PACKAGING
The Chip Resistor can be supplied with packaged carrier tape for effective use in SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Resistor for Bulk shall be in the plastic Quantity of the
Chip Resistors in bag is determined by custom orders.(Standard Quantity : 5,000EA)
7 inch reel
10 inch reel
-
10,000EA/1 reel
-
13 inch reel
10,000EA/1 reel
40,000EA/1 reel
5,000EA/1 reel
20,000EA/1 reel
4,000EA/1 reel
15,000EA/1 reel
REEL SIZE
1608, 2012, 3216
5025, 6432
1005
CARRIER TAPE DIMENSIONS
▶
This is applied to 1005 series.
▶
This is applied to 5025, 6432 series.
(Unit: mm)
Chip Resistor
Bottom Tape
Carrier Tape
Top Tape
4.0
±0.1
4.0
±0.1
1.75
±0.1
1.75
±0.1
3.5
±0.05
5.5
±0.05
8.0
±0.1
12.0
±0.3
1.5
±
0.1
0
1.5
±
0.1
0
2.0
±0.05
1.0
1.0
t
t
A
2.0
±0.05
4.0
±0.1
A
t=0.5~1.0 Max
Chip Resistor
Embossed Carrier
Top Tape
t=1.1 Max
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com