Electronic Components Datasheet Search
  English  ▼

X  

FMS2007QFN Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2007QFN
Description  DC-6GHz DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007QFN Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2007QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet
2.1
5
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2007QFN
0.51
1.52
2.53
3.54
4.555.5
6
Frequency (GHz)
FMS2007QFN CAL BOARD INSERTION LOSS
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
FMS2007QFN CAL BOARD RETURN LOSS
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
Evaluation Board:
Evaluation Board De-Embedding Data (Measured):
BOM
Label
Component
C1
Capacitor, 100pF, 0603
C2
Capacitor, 47pF, 0402
BOARD
Preferred evaluation board material is 0.25
mm thick ROGERS RT4350. All RF tracks
should be 50 ohm characteristic
impedance.
Absolute placement of
surface mount de-coupling capacitors is not
critical.
C2
C2
C2
C2
C2
C2
C2
C1
C1
C1
C1
C2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com