Electronic Components Datasheet Search
  English  ▼

X  

FMS2010 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2010
Description  SP6T GaAs Multi-Band GSM Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2010 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2010 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2010 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2010 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2010 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2010 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2010 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Data Sheet 1.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2010
SP6T GaAs Multi-Band GSM Antenna Switch
Features:
♦ Available in die form
♦ Suitable for multi-band GSM/DCS/PCS/EDGE
applications
♦ Excellent low control voltage performance
♦ Excellent harmonic performance under GSM/
DCS/PCS power levels
♦ Very high Tx-Rx isolation >45dB typ. at 1.8GHz
♦ Very high Tx-Tx isolation >30dB typ. at 1.8GHz
♦ Very low Tx Insertion loss
♦ Very low control current
Description and Applications:
The FMS2010 is a low loss, high power and linear single pole six throw Gallium Arsenide antenna
switch designed for use in mobile handset applications. The die is fabricated using the Filtronic FL05
0.5
µm switch process technology that offers leading edge performance optimised for switch
applications. The FMS2010 is designed for use in dual, tri and quad – band GSM handset antenna
switch modules and RF front-end modules.
Electrical Specifications: (T
AMBIENT = 25°C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Tx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
__
__
0.5
0.6
0.7
0.9
dB
dB
Rx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
__
__
0.6
0.8
0.8
1.2
dB
dB
Return Loss
0.5 – 2.5 GHz
__
23
__
dB
Isolation
TX-TX
0.5 – 1.0 GHz
1.0 – 2.0 GHz
30
25
33
31
__
__
dB
dB
Isolation
TX-RX
0.5 – 1.0 GHz
1.0 – 2.0 GHz
45
40
50
45
__
__
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
(17:1 VSWR)
__
__
-75
-75
-70
-70
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
(17:1 VSWR)
__
__
-75
-75
-70
-70
dBc
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
__
__
< 0.3
< 1.0
__
__
µs
µs
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF).
All unused ports terminated in 50
Ω.
ANT
VTX1
TX1
VTX2
TX2
VRX1
RX1
VRX2
RX2
VRX3
RX3
RX4
VRX4
VRXC
ANT
VTX1
TX1
VTX2
TX2
VRX1
RX1
VRX2
RX2
VRX3
RX3
RX4
VRX4
VRXC


Similar Part No. - FMS2010

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011-000-EB FILTRONIC-FMS2011-000-EB Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011-000-FF FILTRONIC-FMS2011-000-FF Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011-000-GP FILTRONIC-FMS2011-000-GP Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011-000-WP FILTRONIC-FMS2011-000-WP Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
More results

Similar Description - FMS2010

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
FMS2018 FILTRONIC-FMS2018 Datasheet
330Kb / 5P
SP7T GaAs Multi-Band GSM - UMTS Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
Tyco Electronics
MASWSS0091 MACOM-MASWSS0091 Datasheet
178Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
logo
M/A-COM Technology Solu...
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105 Datasheet
137Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105_15 Datasheet
673Kb / 6P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASWSS009 MA-COM-MASWSS009 Datasheet
616Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com