Electronic Components Datasheet Search
  English  ▼

X  

FMS2017 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2017
Description  2.4GHz DPDT GaAs Single-Band WLAN Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2017 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2017 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Data Sheet
2.2
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2017
2.4GHz DPDT GaAs Single-Band WLAN Switch
Features:
♦ Available as RF known good die
♦ Suitable for Single-band WLAN 802.11b/g
Applications
♦ Excellent low control voltage performance
♦ Very low Insertion loss typ. 0.55dB at 2.4GHz
♦ High isolation typ. 23dB at 2.4GHz
Description and Applications:
The FMS2017 is a low loss, single band Gallium Arsenide antenna diversity switch designed for use
in Wireless LAN applications. The die is fabricated using the Filtronic FL05 0.5
µm switch process
technology that offers leading edge performance, optimised for switch applications. The FMS2017 is
designed for use in 802.11b/g WLAN modules.
Electrical Specifications: (T
AMBIENT = 25°C,Vctrl = 0V/(2.4V,+3.3V), ZIN = ZOUT = 50Ω)
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss (All Paths)
2.5GHz, Small Signal
0.55
dB
Isolation (All Paths)
2.5GHz, Small Signal
23
dB
Return Loss
2.5GHz, Small Signal
20
dB
P1dB
2.5GHz Control Voltage 3.0V
37
dBm
2nd Harmonic Level
2.4GHz, Pin = 32dBm, Vctrl =2.4V
-65
dBc
3rd Harmonic Level
2.4GHz, Pin = 32dBm, Vctrl =2.4V
-65
dBc
Switching speed
Vctrl=2.4V, Pin=20dBm
20
nS
Note: External DC blocking capacitors are required on all RF ports (typ: 47pF)
All unused ports terminated in 50
Ω.
Functional Schematic
V4
TX
V3
AN1
ANT2
V1
RX
V2


Similar Part No. - FMS2017

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2017-001 FILTRONIC-FMS2017-001 Datasheet
189Kb / 6P
2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017-001-EB FILTRONIC-FMS2017-001-EB Datasheet
189Kb / 6P
2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017QFN FILTRONIC-FMS2017QFN Datasheet
189Kb / 6P
2.4GHz DPDT GaAs Single-Band WLAN Switch
More results

Similar Description - FMS2017

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2017QFN FILTRONIC-FMS2017QFN Datasheet
189Kb / 6P
2.4GHz DPDT GaAs Single-Band WLAN Switch
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
logo
New Japan Radio
NJG1524PC1 NJRC-NJG1524PC1 Datasheet
622Kb / 20P
DPDT SWITCH GaAs MMIC
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2008L20T WALSIN-RFDIP2008L20T Datasheet
255Kb / 2P
For WLAN Band 2.4GHz & 5GHz Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com