Electronic Components Datasheet Search
  English  ▼

X  

ARS2524 Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # ARS2524
Description  Transient Voltage Suppressor for Automobile Button
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ARS2524 Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  ARS2524 Datasheet HTML 1Page - HY ELECTRONIC CORP. ARS2524 Datasheet HTML 2Page - HY ELECTRONIC CORP. ARS2524 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rating and Characteristic Curves
The curve above is for reference only.
ARS25*-B-UN/99-00/01
Rev. 11, 18-May-2020
ARS2524 THRU ARS2540
0
5
10
15
20
25
30
0
25
50
75
100
125
150
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
50
100
150
200
250
300
350
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 3 - Pulse Waveform
T, Time (ms)
Pulse With (Tp) is
Defined
as that Point Where the
Peak Current Decays to
50% of IRSM.
10/1000 us Waveform as
Defined by R.E.A
TJ=25℃
TP
Half value =
IRS
M
TR=10us
Fig. 5 - Pulse Rating Curve
0.1
1
10
100
0.1
1
10
100
1000
10000
TA=25℃
Non-Repetive Pulse Wave Form
Shown in
Fig. 3
TP, Pulse Waveform
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
TJ=25℃
Pulse Width 300uS 2%Duty
Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
450
Lead Temperature (℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com