Electronic Components Datasheet Search
  English  ▼

X  

1734494 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1734494
Description  Printed-circuit board connector - CCDN 2,5/ 7-G1F P26 THR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1734494 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1734494 Datasheet HTML 1Page - PHOENIX CONTACT 1734494 Datasheet HTML 2Page - PHOENIX CONTACT 1734494 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1734494
03/21/2014   Page 1 / 3
Printed-circuit board connector - CCDN 2,5/ 7-G1F P26 THR - 1734494
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 400 V, Number of positions: 7, Pitch: 5 mm, Color: black,
Contact surface: Tin, Assembly: Taped SMD/THT/THR components
The figure shows a 10-pos. version
with 20 contacts
Product Features
 Can be specially combined with FKCN 2,5 compact spring-cage plug
 Standard pin length of 2.6 mm
 Plug-in direction parallel to the PCB
 Minimal space required on the PCB
 Double-level base strip without offset levels
 Use in SMT reflow processes
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
10.89 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
17.6 mm
Pitch
5 mm
Dimension a
30 mm
Pin dimensions
1 x 1
Pin spacing
5.00 mm
Hole diameter
1.6 mm


Similar Part No. - 1734494

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1734493 MACOM-1734493 Datasheet
170Kb / 2P
AMPMODU 2.0mm PITCH, RIGHT ANGLE, DUAL ROW, THRU-HOLE
logo
TE Connectivity Ltd
1734493-8 TEC-1734493-8 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
logo
PHOENIX CONTACT
1734495 PHOENIX-1734495 Datasheet
353Kb / 9P
PSR-MC32-3NO-1NC-24-230UC-PI - Safety relays
1734496 PHOENIX-1734496 Datasheet
402Kb / 9P
PSR-MC82-5NO-1NC-1DO-24DC-PI - Extension module
1734498 PHOENIX-1734498 Datasheet
410Kb / 9P
PSR-MC73-5NO-1DO-24DC-PI - Safety relays
More results

Similar Description - 1734494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734452 PHOENIX-1734452 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F P26 THR
1734478 PHOENIX-1734478 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1F P26 THR
1734481 PHOENIX-1734481 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1F P26 THR
1734517 PHOENIX-1734517 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1F P26 THR
1734533 PHOENIX-1734533 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/11-G1F P26 THR
1734546 PHOENIX-1734546 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/12-G1F P26 THR
1734559 PHOENIX-1734559 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/13-G1F P26 THR
1734575 PHOENIX-1734575 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/15-G1F P26 THR
1734588 PHOENIX-1734588 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/16-G1F P26 THR
1734601 PHOENIX-1734601 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/18-G1F P26 THR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com