Electronic Components Datasheet Search
  English  ▼

X  

FMS2029 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2029
Description  DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2029 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2029 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2029 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
3
Preliminary Datasheet v2.1
FMS2029
TYPICAL MEASURED PERFORMANCE ON WAFER:
Note: Measurement Conditions VCTRL= -5V (low) & 0V (high), TAMBIENT = 25°C unless otherwise stated
16
11
16
20
Frequency (GHz)
Insertion Loss (dB)
-3
-2.5
-2
-1.5
-1
-0.5
1
6
11
16
20
Frequency (GHz)
Isolation (dB)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
6
11
16
20
Frequency (GHz)
Input Return Loss (dB)
-40
-30
-20
-10
0
ON-STATE
OFF-STATE
1
6
11
16
20
Frequency (GHz)
Output Return Loss (dB)
-40
-30
-20
-10
0
ON-STATE
OFF-STATE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com