Electronic Components Datasheet Search
  English  ▼

X  

1734779 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1734779
Description  Printed-circuit board connector - MSTB 2,5 HC/ 2-ST-5,08 RDB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1734779 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1734779 Datasheet HTML 1Page - PHOENIX CONTACT 1734779 Datasheet HTML 2Page - PHOENIX CONTACT 1734779 Datasheet HTML 3Page - PHOENIX CONTACT 1734779 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1734779
06/30/2020   Page 3 / 4
Printed-circuit board connector - MSTB 2,5 HC/ 2-ST-5,08
RDB - 1734779
Approvals
Ex Approvals
Approval details
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-60988-B1B2
 
 
Nominal voltage UN
250 V
Nominal current IN
16 A
mm²/AWG/kcmil
0.2-2.5
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931011
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
16 A
10 A
mm²/AWG/kcmil
30-12
30-12
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40050079
 
 
Nominal voltage UN
250 V
Nominal current IN
16 A
mm²/AWG/kcmil
0.2-2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com