Electronic Components Datasheet Search
  English  ▼

X  

MJ10021 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ10021
Description  NPN SILICON POWER DARLINGTON TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10021 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ10021 Datasheet HTML 1Page - ON Semiconductor MJ10021 Datasheet HTML 2Page - ON Semiconductor MJ10021 Datasheet HTML 3Page - ON Semiconductor MJ10021 Datasheet HTML 4Page - ON Semiconductor MJ10021 Datasheet HTML 5Page - ON Semiconductor MJ10021 Datasheet HTML 6Page - ON Semiconductor MJ10021 Datasheet HTML 7Page - ON Semiconductor MJ10021 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ10020 MJ10021
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 175 V
RL = 5.6 Ω
Pulse Width = 25
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
IB1
1
2
PW Varied to Attain
IC = 100 mA
20
Ω
1
5 V
0
2
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
Ω
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
2
TUT
RL
VCC
t1 ≈
Lcoil (ICM)
VCC
t2 ≈
Lcoil (ICM)
VClamp
t1
ICM
tf Clamped
tf
t
t
Vclamp
t2
TIME
VCEM
* Adjust – V such that VBE(off) = 5 V except as required for RBSOA (Figure 14).
tfi
trv
IC
VCE
90% IB1
ICM
VCEM
90% VCEM
90% ICM
10%
ICM
2% IC
IB
tsv
tti
tc
Figure 7. Inductive Switching Measurements
TIME
Figure 8. Typical Peak Reverse Base Current
10
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1.0
2.0
3.0
4.0
8.0
7.0
5.0
3.0
IC = 30 A
IB1 = 1.2 A
VCLAMP = 200 V
TJ = 25°C
9.0
8.0
6.0
4.0
2.0
1.0
7.0
6.0
5.0
Figure 9. Typical Inductive Switching Times
3.2
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1.0
2.0
3.0
4.0
8.0
2.0
1.6
1.2
ICM = 30 A
IC/IB = 25
2.8
2.4
0.8
0.4
7.0
6.0
5.0
2.4
1.5
1.2
0.9
2.1
1.8
0.6
0.3
tsv @ 100°C
tsv @ 25°C
tc @ 100°C
tc @ 25°C
Vclamp
10% VCEM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com