Electronic Components Datasheet Search
  English  ▼

X  

FPD750 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD750
Description  0.5W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD750 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD750 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD750
0.5W POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/17/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
FEATURES
♦ 27 dBm Linear Output Power at 12 GHz
♦ 11.5 dB Power Gain at 12 GHz
♦ 14.5 dB Maximum Stable Gain at 12 GHz
♦ 38 dBm Output IP3
♦ 50% Power-Added Efficiency
•
DESCRIPTION AND APPLICATIONS
The FPD750 is an AlGaAs/InGaAs pseudomorphic High Electron Mobility Transistor (PHEMT),
featuring a 0.25
µm by 750 µm Schottky barrier gate, defined by high-resolution stepper-based
photolithography. The recessed and offset Gate structure minimizes parasitics to optimize
performance. The epitaxial structure and processing have been optimized for reliable high-power
applications. The FPD750 also features Si3N4 passivation and is available in a P100 flanged ceramic
package and in the low cost plastic SOT89 and SOT343 plastic packages.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 12 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8 V; IDS = 50% IDSS
26.5
27.0
dBm
Maximum Stable Gain (S21/S12)
SSG
VDS = 8 V; IDS = 50% IDSS
13.5
14.5
dB
Power Gain at P1dB
G1dB
VDS = 8 V; IDS = 50% IDSS
10.5
11.5
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 10V; IDS = 50% IDSS
Matched for optimal power
Tuned for best IP3
38
40
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
185
230
280
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
370
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
200
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
10
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 0.75 mA
1.0
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 0.75 mA
12.0
14.0
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 0.75 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 6V
65
°C/W
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (2X)
DIE SIZE (
µm): 340 x 470
DIE THICKNESS: 75
µm
BONDING PADS (
µm): >60 x 60


Similar Part No. - FPD750

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD750 FILTRONIC-FPD750 Datasheet
145Kb / 3P
0.5W POWER PHEMT
logo
RF Micro Devices
FPD750 RFMD-FPD750 Datasheet
241Kb / 4P
0.5W POWER pHEMT
FPD750-000 RFMD-FPD750-000 Datasheet
241Kb / 4P
0.5W POWER pHEMT
FPD750-000S3 RFMD-FPD750-000S3 Datasheet
241Kb / 4P
0.5W POWER pHEMT
FPD750-000SQ RFMD-FPD750-000SQ Datasheet
241Kb / 4P
0.5W POWER pHEMT
More results

Similar Description - FPD750

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6872 FILTRONIC-LP6872 Datasheet
38Kb / 2P
0.5W POWER PHEMT
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
0.5W PACKAGED POWER PHEMT
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
High Power LED - 0.5W
logo
Filtronic Compound Semi...
FPD750 FILTRONIC-FPD750_1 Datasheet
145Kb / 3P
0.5W POWER PHEMT
logo
Transcom, Inc.
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
logo
RF Micro Devices
FPD750 RFMD-FPD750 Datasheet
241Kb / 4P
0.5W POWER pHEMT
logo
Everlight Electronics C...
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
High Power LED-0.5W
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-T150-WW LIGITEK-LG-5630WKZ-DT-1-T150-WW Datasheet
356Kb / 16P
0.5W Power Light LED
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
0.5W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com