Electronic Components Datasheet Search
  English  ▼

X  

1735701 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1735701
Description  Base strip - MSTBW 2,5/20-G-5,08
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1735701 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1735701 Datasheet HTML 1Page - PHOENIX CONTACT 1735701 Datasheet HTML 2Page - PHOENIX CONTACT 1735701 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1735701
03/21/2014   Page 1 / 3
Base strip - MSTBW 2,5/20-G-5,08 - 1735701
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 20, Pitch: 5.08 mm, Color:
green, Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
9.82 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Pitch
5.08 mm
Dimension a
96.52 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
MSTBW 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV


Similar Part No. - 1735701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735714 PHOENIX-1735714 Datasheet
1Mb / 14P
MSTBW 2,5/19-G-5,08 - PCB header
1735727 PHOENIX-1735727 Datasheet
142Kb / 6P
FKCT 2,5/18-ST-5,08
1735730 PHOENIX-1735730 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/17-G-5,08
1735743 PHOENIX-1735743 Datasheet
157Kb / 6P
The figure shows a 10-position version of the product
1735756 PHOENIX-1735756 Datasheet
349Kb / 17P
Feed-through header - MSTBW 2,5/15-G-5,08
09/11/2020
More results

Similar Description - 1735701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735840 PHOENIX-1735840 Datasheet
130Kb / 8P
Base strip - MSTBW 2,5/ 6-G-5,08
1736108 PHOENIX-1736108 Datasheet
111Kb / 7P
Base strip - MSTBW 2,5/ 3-G
1735662 PHOENIX-1735662 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/24-G-5,08
1735675 PHOENIX-1735675 Datasheet
58Kb / 3P
Base strip - MSTBW 2,5/23-G-5,08
1735688 PHOENIX-1735688 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/22-G-5,08
1735730 PHOENIX-1735730 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/17-G-5,08
1735769 PHOENIX-1735769 Datasheet
61Kb / 3P
Base strip - MSTBW 2,5/14-G-5,08
1736001 PHOENIX-1736001 Datasheet
68Kb / 3P
Base strip - MSTBW 2,5/13-G
1759198 PHOENIX-1759198 Datasheet
119Kb / 8P
Base strip - MSTB 2,5/20-G-5,08
1767559 PHOENIX-1767559 Datasheet
121Kb / 8P
Base strip - SMSTBA 2,5/20-G-5,08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com