Electronic Components Datasheet Search
  English  ▼

X  

ADC3542 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3542
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3542 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC3542 Datasheet HTML 20Page - Texas Instruments ADC3542 Datasheet HTML 21Page - Texas Instruments ADC3542 Datasheet HTML 22Page - Texas Instruments ADC3542 Datasheet HTML 23Page - Texas Instruments ADC3542 Datasheet HTML 24Page - Texas Instruments ADC3542 Datasheet HTML 25Page - Texas Instruments ADC3542 Datasheet HTML 26Page - Texas Instruments ADC3542 Datasheet HTML 27Page - Texas Instruments ADC3542 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
7.3.3 Voltage Reference
The ADC354x provides three different options for supplying the voltage reference to the ADC. An external 1.6 V
reference can be directly connected to the VREF input; a voltage 1.2 V reference can be connected to the
REFBUF input using the internal gain buffer or the internal 1.2 V reference can be enabled to generate a 1.6V
reference voltage. For best performance, the reference noise should be filtered by connecting a 10 uF ceramic
bypass capacitor to the VREF pin. The internal reference circuitry of the ADC354x is shown in Figure 7-13.
Note
The voltage reference mode can be selected using SPI register writes or by using the REFBUF pin
(default) as a control pin (Section 7.5.1). If the REFBUF pin is not used for configuration, the REFBUF
pin should be connected to AVDD (even though the REFBUF pin has a weak internal pullup to AVDD)
and the voltage reference option has to be selected using the SPI interface.
AINP
AINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
Figure 7-13. Different voltage reference options for ADC354x
7.3.3.1 Internal voltage reference
The 1.6 V reference for the ADC can be generated internal using the on-chip 1.2V reference along with the
internal gain buffer. A 10 uF ceramic bypass capacitor (CVREF) should be connected between the VREF and
REFGND pins as close to the pins as possible.
AINP
AINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
X1.33
CVREF
Figure 7-14. Internal reference
ADC3541
SBAS840 – JULY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com