Electronic Components Datasheet Search
  English  ▼

X  

1735785 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1735785
Description  MSTBW 2,5/12-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1735785 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1735785 Datasheet HTML 1Page - PHOENIX CONTACT 1735785 Datasheet HTML 2Page - PHOENIX CONTACT 1735785 Datasheet HTML 3Page - PHOENIX CONTACT 1735785 Datasheet HTML 4Page - PHOENIX CONTACT 1735785 Datasheet HTML 5Page - PHOENIX CONTACT 1735785 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 31, 2011
Extract from the online
catalog
 
MSTBW 2,5/12-G-5,08
Order No.: 1735785
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1735785
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number
of positions: 12, Pitch: 5.08 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
027506
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 249 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12 mm
Pitch
5.08 mm
Dimension a
55.88 mm
Number of positions
12


Similar Part No. - 1735785

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735781 PHOENIX-1735781 Datasheet
151Kb / 8P
PCB terminal block - SPT 16/ 2-H-10,0-ZB
logo
TE Connectivity Ltd
1735783-2 TEC-1735783-2 Datasheet
1Mb / 4P
Tactile Switches
01/09/2020 01:12PM
More results

Similar Description - 1735785

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735840 PHOENIX-1735840 Datasheet
130Kb / 8P
Base strip - MSTBW 2,5/ 6-G-5,08
1735882 PHOENIX-1735882 Datasheet
131Kb / 9P
Housing - MSTBW 2,5/ 2-G-5,08
1735662 PHOENIX-1735662 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/24-G-5,08
1735675 PHOENIX-1735675 Datasheet
58Kb / 3P
Base strip - MSTBW 2,5/23-G-5,08
1735688 PHOENIX-1735688 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/22-G-5,08
1735701 PHOENIX-1735701 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/20-G-5,08
1735730 PHOENIX-1735730 Datasheet
60Kb / 3P
Base strip - MSTBW 2,5/17-G-5,08
1735769 PHOENIX-1735769 Datasheet
61Kb / 3P
Base strip - MSTBW 2,5/14-G-5,08
1735811 PHOENIX-1735811 Datasheet
149Kb / 6P
MSTBW 2,5/ 9-G-5,08
1735824 PHOENIX-1735824 Datasheet
149Kb / 6P
MSTBW 2,5/ 8-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com