Electronic Components Datasheet Search
  English  ▼

X  

IR2011PBF Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IR2011PBF
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2011PBF Datasheet(HTML) 1 Page - Infineon Technologies AG

  IR2011PBF Datasheet HTML 1Page - Infineon Technologies AG IR2011PBF Datasheet HTML 2Page - Infineon Technologies AG IR2011PBF Datasheet HTML 3Page - Infineon Technologies AG IR2011PBF Datasheet HTML 4Page - Infineon Technologies AG IR2011PBF Datasheet HTML 5Page - Infineon Technologies AG IR2011PBF Datasheet HTML 6Page - Infineon Technologies AG IR2011PBF Datasheet HTML 7Page - Infineon Technologies AG IR2011PBF Datasheet HTML 8Page - Infineon Technologies AG IR2011PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IR2011(S)PBF
1
www.irf.com
© 2015 International Rectifier
April 14, 2015
High and Low Side Driver
Ordering Information
Features
Floating channel designed for bootstrap operation
Fully operational to 200V
Tolerant to negative transient voltage, dV/dt immune
Gate drive supply range from 10 to 20V
Independent low and high side channels
Input logic HIN/LIN active high
Undervoltage lockout for both channels
3.3V and 5V logic compatible
CMOS Schmitt-triggered inputs with pull-down
Matched propagation delay for both channels
Description
The IR2011 is a high power, high speed power MOSFET
driver with independent high and low side referenced output
channels. Logic inputs are compatible with standard CMOS
or LSTTL output, down to 3.0V logic. The output drivers
feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications. The
floating channel can be used to drive an N-channel power
MOSFET in the high side configuration which operates up to
200 volts. Proprietary HVIC and latch immune CMOS
technologies enable ruggedized monolithic construction.
Applications
Converters
DC motor drive
Product Summary
VOFFSET (max)
200V
IO+/- (typ)
1.0A / 1.0A
VOUT
10
– 20V
ton/off (typ)
Delay Matching (max)
80ns & 60ns
20ns
Package Options
8-Lead PDIP
8-Lead SOIC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR2011PBF
PDIP8
Tube
50
IR2011PBF
IR2011SPBF
SO8N
Tube
95
IR2011SPBF
IR2011SPBF
SO8N
Tape and Reel
2500
IR2011STRPBF


Similar Part No. - IR2011PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2011PBF IRF-IR2011PBF Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
IR2011PBF IRF-IR2011PBF Datasheet
1Mb / 18P
Floating channel designed for bootstrap operation
IR2011PBF IRF-IR2011PBF_15 Datasheet
1Mb / 18P
Floating channel designed for bootstrap operation
More results

Similar Description - IR2011PBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com