Electronic Components Datasheet Search
  English  ▼

X  

P89LPC938FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC938FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC938FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC938FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
9397 750 14051
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 25 February 2005
7 of 68
Philips Semiconductors
P89LPC938
8-bit microcontroller with 10-bit A/D converter
6.2 Pin description
Fig 5.
HVQFN28 pin configuration (top view).
002aab073
P89LPC938FHN
Transparent top view
7
15
6
16
5
17
4
18
3
19
2
20
1
21
terminal 1
index area
P1.4/INT1
P1.3/INT0/SDA
P3.0/XTAL2/CLKOUT
P3.1/XTAL1
VSS
P1.5/RST
P1.6/OCB
P0.6/CMP1/KBI6
P0.7/T1/KBI7
P0.5/CMPREF/KBI5
VDD
P0.4/CIN1A/KBI4/AD03
P0.3/CIN1B/KBI3/AD02
P0.2/CIN2A/KBI2/AD01
Table 3:
Pin description
Symbol
Pin
Type Description
TSSOP28,
PLCC28
HVQFN28
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type.
During reset Port 0 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 0 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 7.13.1 “Port configurations”
and Table 10 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
P0.0/CMP2/
KBI0/AD05
3
27
I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output.
I
KBI0 — Keyboard input 0.
I
AD05 — ADC0 channel 5 analog input.
P0.1/CIN2B/
KBI1/AD00
26
22
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
I
AD00 — ADC0 channel 0 analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com