Electronic Components Datasheet Search
  English  ▼

X  

RN2603 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2603
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2603 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2603 Datasheet HTML 1Page - Toshiba Semiconductor RN2603 Datasheet HTML 2Page - Toshiba Semiconductor RN2603 Datasheet HTML 3Page - Toshiba Semiconductor RN2603 Datasheet HTML 4Page - Toshiba Semiconductor RN2603 Datasheet HTML 5Page - Toshiba Semiconductor RN2603 Datasheet HTML 6Page - Toshiba Semiconductor RN2603 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN2601~RN2606
2001-06-05
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2601,RN2602,RN2603
RN2604,RN2605,RN2606
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
Including two devices in SM6 (super mini type with 6 leads)
With built-in bias resistors
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Complementary to RN1601~1606
Equivalent Circuit and Bias Resistor Values
Equivalent Circuit (Top View)
Maximum Ratings (Ta = 25
°°°°C) (Q1, Q2 Common)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2601~2606
VCEO
−50
V
RN2601~2604
−10
Emitter-base voltage
RN2605, 2606
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC*
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2601~2606
Tstg
−55~150
°C
*
Total rating
JEDEC
―
EIAJ
―
TOSHIBA
2-3N1A
Weight: 0.015g
Type No.
R1 (kΩ)
R2 (kΩ)
RN2601
4.7
4.7
RN2602
10
10
RN2603
22
22
RN2604
47
47
RN2605
2.2
47
RN2606
4.7
47
Unit in mm


Similar Part No. - RN2603

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2607 TOSHIBA-RN2607 Datasheet
191Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2608 TOSHIBA-RN2608 Datasheet
191Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2609 TOSHIBA-RN2609 Datasheet
191Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
More results

Similar Description - RN2603

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com