Electronic Components Datasheet Search
  English  ▼

X  

TS2596 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596
Description  3A Step Down Switching Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2596 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2596
2-6
2003/12 rev. D
Thermal Performance
Condition
Symbol
Limits
Unit
Thermal Resistance Junction to Ambient
Θja
30
Thermal Resistance Junction to Case
Θjc
3
oC/W
Recommended Operating Conditions (Ta = 25
oC)
Condition
Symbol
Limits
Unit
Input Voltage
Vin
4.5 ~ 28
V
ENABLE Pin Input Voltage
Vin (operate)
0 ~ +20
V
Block Diagram
Electrical Characteristics
Vin = 12V, IL = 500mA, Ta = 25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
TS2596-3.3V
Output Voltage (Note 1)
0.2A
≤ IL ≤ 3A, 5.07V ≤ Vin ≤ 40V
(Figure 1)
0.96|Vo|
3.3
1.04|Vo|
V
Efficiency
Vin=12V, IL=3A
--
75
--
%
TS2596-5V
Output Voltage (Note 1)
0.2A
≤ IL ≤ 3A, 8V ≤ Vin ≤ 40V
(Figure 1)
0.96|Vo|
5.0
1.04|Vo|
V
Efficiency
Vin=12V, IL=3A
--
80
--
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com