Electronic Components Datasheet Search
  English  ▼

X  

MSR004 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # MSR004
Description  HYBRID RECEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

MSR004 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  MSR004 Datasheet HTML 1Page - Filtronic Compound Semiconductors MSR004 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Summary:
Input Frequency:
0.4-2 GHz
CVR channel gain
10dB nominal
NF
4.5 dB
P1dB
10 dBm nominal
IF
160 MHz 23 MHz 3dB BW
LO
.23-2.17 GHz
0 to +5 dBm
IF channel gain
33 dB nominal
NF
7.5dB
P1dB
10 dBm nominal
Population tracking
2dB
Operating Temperature
-54 to +85C
)LOWURQLF&RPSRQHQWV /WG Ÿ $LUHGDOH+RXVH$FRUQ3DUN 6KLSOH\:HVW<RUNVKLUH(QJODQG %' 6: Ÿ 7HOID[
(PDLOILUVW LQLWLDOVXUQDPH#IFOFRP Ÿ ZZZILOWURQLFFRP
'RPLFLOH 6KLSOH\&RPSDQ\1XPEHU
&+$5$&7(5,67,&6
G%
6SLOW
G%
6SLOW
&95 
&95 
6+5 
6+5 
/2
/2
-
-
-
-
-
-
-
-


/2FRPPRQWR ERWK
&+$11(/6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com