Electronic Components Datasheet Search
  English  ▼

X  

ES1DA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ES1DA
Description  Surface Mount Super Fast Glass Passivated Rectifiters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1DA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ES1DA Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1DA Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1DA Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
A-SMA
●
Fast switching for high efficiency
●
Low cost
RoHS
●
Low reverse leakage current
COMPLIANT
●
High current capability
●
Low forward voltage drop
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: JEDEC SMA Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
ES1AA
ES1BA
ES1DA
ES1GA
ES1JA
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current @TA=55℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 1.0A DC (Note1)
VF
1.25
1.70
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. The typical data above is for reference only
ES1*A-13-00-00
Rev. 11, 18-May-2020
5.0
100
35
ES1AA thru ES1JA
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
Surface Mount Super Fast Glass
Passivated Rectifiters
30
Notes: 1. 300uS pulse width, 2%duty cycle.
IFSM
IR
Pb
A
μA
30
25
40
-55 to +150
-55 to +150
1.0
0.95


Similar Part No. - ES1DA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ES1DAF ONSEMI-ES1DAF Datasheet
235Kb / 5P
Surface Mount Ultrafast Rectifier
May, 2018 ??Rev. 2
ES1DAF ONSEMI-ES1DAF Datasheet
274Kb / 6P
Surface Mount Ultrafast Rectifier
August, 2024 - Rev. 3
ES1DAF ONSEMI-ES1DAF_V01 Datasheet
274Kb / 6P
Surface Mount Ultrafast Rectifier
August, 2024 - Rev. 3
More results

Similar Description - ES1DA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ES1AB HY-ES1AB Datasheet
397Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AL HY-ES1AL_V01 Datasheet
418Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2A HY-ES2A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2AA HY-ES2AA_V01 Datasheet
419Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3A HY-ES3A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3AB HY-ES3AB_V01 Datasheet
415Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1A HY-ES1A_V01 Datasheet
441Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
SF11G HY-SF11G_V01 Datasheet
401Kb / 3P
Super Fast Glass Passivated Rectifiters
SF21G HY-SF21G_V01 Datasheet
407Kb / 3P
Super Fast Glass Passivated Rectifiters
SF31G HY-SF31G_V01 Datasheet
351Kb / 2P
Super Fast Glass Passivated Rectifiters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com