Electronic Components Datasheet Search
  English  ▼

X  

ES1AL Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ES1AL
Description  Surface Mount Super Fast Glass Passivated Rectifiters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1AL Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ES1AL Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1AL Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1AL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SOD-123FL
●
Ideal for Automated Placement
●
Low profile space
●
Glass Passivated Chip Junctions
RoHS
●
Low reverse leakage current
COMPLIANT
●
High current capability
●
Low forward voltage drop
Mechanical Data
●
Case: JEDEC SOD-123FL Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
ES1AL
ES1BL
ES1CL
ES1DL
ES1FL
ES1GL
Marking
E1AL
E1BL
E1CL
E1DL
E1FL
E1GL
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Rectified Current @TA=55℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse recovery time @IF=0.5A,IR=1.0A,Irr=0.25A
trr
nS
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
ES1*L-7-99-00
Rev. 11, 18-May-2020
ES1AL THRU ES1GL
Reverse Voltage - 50 to 400 Volts
Forward Current - 1.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
Pb
1.0
0.95
1.25
5.0
150
www.hygroup.com.tw
Surface Mount Super Fast Glass
Passivated Rectifiters
2. The typical data above is for reference only.
Characteristics
IFSM
IR
Unit
A
μA
25
35
150
-55 to +150
-55 to +150
Notes: 1. Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈
35 μm thick)


Similar Part No. - ES1AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1AL DACHANG-ES1AL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Gaomi Xinghe Electronic...
ES1AL GXELECTRONICS-ES1AL Datasheet
354Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES1AL

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ES1AA HY-ES1AA Datasheet
411Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AB HY-ES1AB Datasheet
397Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2A HY-ES2A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2AA HY-ES2AA_V01 Datasheet
419Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3A HY-ES3A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3AB HY-ES3AB_V01 Datasheet
415Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1A HY-ES1A_V01 Datasheet
441Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
SF11G HY-SF11G_V01 Datasheet
401Kb / 3P
Super Fast Glass Passivated Rectifiters
SF21G HY-SF21G_V01 Datasheet
407Kb / 3P
Super Fast Glass Passivated Rectifiters
SF31G HY-SF31G_V01 Datasheet
351Kb / 2P
Super Fast Glass Passivated Rectifiters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com