Electronic Components Datasheet Search
  English  ▼

X  

FDF04S Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # FDF04S
Description  Surface Mount Fast Recovery Glass Passivated Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

FDF04S Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  FDF04S Datasheet HTML 1Page - HY ELECTRONIC CORP. FDF04S Datasheet HTML 2Page - HY ELECTRONIC CORP. FDF04S Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DFS
●
Fast switching for high efficiency
●
Low reverse leakage current
RoHS
●
High current capability
COMPLIANT
●
Low forward voltage drop
●
Low cost
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Polarity: Symbol marked on body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol FDF005S FDF01S FDF02S FDF04S FDF06S FDF08S FDF10S
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TC=120℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 1.0A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
DC Blocking Voltage per Diode @TJ=125℃
Maximum Reverse Recovery Time (Note 1)
Trr
250
nS
Typical Thermal Resistance to Ambient (Note2)
RθJA
Typical Thermal Resistance to lead (Note2)
RθJL
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. Measured with IF=0.5A,IR=1A,IRR=0.25A .
2.The typical data above is for reference only .
FDF*S-13-92-00
Rev. 11, 18-May-2020
IR
5
μA
200
150
500
72
℃/W
13
-55 to +150
-55 to +150
1.3
FDF005S THRU FDF10S
Surface Mount Fast Recovery
Glass Passivated Recitifiers
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Amperes
Pb
Package Outline Dimensions in Inches (Millimeters)
1.0
IFSM
30
A
3.7
www.hygroup.com.tw


Similar Part No. - FDF04S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
FDF0903-A MEANWELL-FDF0903-A Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
FDF0903-C MEANWELL-FDF0903-C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
FDF0903-D MEANWELL-FDF0903-D Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
More results

Similar Description - FDF04S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1F1G HY-1F1G Datasheet
827Kb / 3P
Fast Recovery Glass Passivated Recitifiers
BA157G HY-BA157G Datasheet
820Kb / 3P
Fast Recovery Glass Passivated Recitifiers
1N4933G HY-1N4933G_V01 Datasheet
828Kb / 3P
Fast Recovery Glass Passivated Recitifiers
FR101SG HY-FR101SG_V01 Datasheet
832Kb / 3P
Fast Recovery Glass Passivated Recitifiers
FR151AG HY-FR151AG Datasheet
328Kb / 3P
Fast Recovery Glass Passivated Recitifiers
FR201G HY-FR201G_V01 Datasheet
837Kb / 3P
Fast Recovery Glass Passivated Recitifiers
FR601G HY-FR601G_V01 Datasheet
339Kb / 3P
Fast Recovery Glass Passivated Recitifiers
RS1A HY-RS1A_V01 Datasheet
845Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
RS1AL HY-RS1AL_V01 Datasheet
876Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
RS2AA HY-RS2AA_V01 Datasheet
847Kb / 3P
Surface Mount Fast Recovery Glass Passivated Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com