Electronic Components Datasheet Search
  English  ▼

X  

TS2950 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2950
Description  150mA Ultra Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2950-51 series
1-6
2003/12 rev. B
TS2950/TS2951 series
150mA Ultra Low Dropout Positive Voltage Regulator
Input Voltage Range up to 30V
Output Current up to 150mA
Low Drop Out Voltage 0.4V
General Description
The TS2950/A & TS951/A are low power voltage regulators. These devices are excellent choice for use in
battery-powered applications such as cordless telephone, radio control systems, and portable computers.
The TS2950/A & TS2951/A is features very low quiescent current (75uA Typ.) and very low drop output voltage (Typ.
40uV at light load and 380 mV at 100 mA). This includes a tight initial tolerance of 0.5% typ.(A version), extremely good
load and line regulation 0.05% typ. and very low output temperature coefficient, making the TS2950/A & TS2951/A useful
as a low-power voltage reference.
TS2951/A have other key additional feature of unregulated input voltage transient of -20V below ground (reverse battery).
The error flag output feature is used as power-on reset for warn of a low output voltage, due to following batteries on
input. The logic-compatible shutdown input which enable the regulator to be switched on/off. The regulator output voltage
may be pin-strapped for a 5.0, 3.3 & 3V of programmed from 1.24V to 29V with external pair of resistors. Using of as
design, processing and testing techniques make TS2950/A & TS951/A superior over similar products.
The TS2950/A is offered in 3-pin TO-92 package, The TS2951/A is available in 8-pin plastic SOP-8 package.
Application
Battery powered systems
Portable instrumentation
Avionics
Automotive Electronics
SMPS Post-Regulator
Voltage Reference
Portable/Palm top / Notebook computers
Portable consumer equipment
Radio control system
Features
Output voltage available in 5V, 3.3V & 3V
Extremely low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Need only 1uF for stability
Unregulated DC input can withstand -20V reverse
battery and +60V positive transients
Use as Regulator or Reference
Stable with low-ESR output capacitors
Current and thermal limiting
Direct replacement for LP2950 & LP2951 sockets
TS2951 VERSIONS ONLY
Error Flag warns of output dropout
Logic-Controlled electronic shutdown
Additional voltage tap
Output voltage sense
Output programmable from 1.24 to 29V
Ordering Information
Note: Where xx denotes voltage option, available are
5.0V, 3.3V and 3V. Contact factory for additional
voltage options.
Part No.
Operating Temp.
Package
TS2950CT-xx
TO-92
TS2951CS-xx
-40 ~ +85
oC
SOP-8
TS2950ACT-xx
TO-92
TS2951ACS-xx
-20 ~ +85
oC
SOP-8
Pin assignment
TO-92
1. Output
2. Ground
3. Input
Pin assignment
SOP-8
1. Output
2. Sense
3. Shutdown
4. Ground
5. Error
6. Voltage tap
7. Feedback
8. Input


Similar Part No. - TS2950

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
186Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
TS2950ACP TSC-TS2950ACP Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
TS2950ACPRO TSC-TS2950ACPRO Datasheet
191Kb / 7P
150mA Ultra Low Dropout Voltage Regulator
TS2950ACT TSC-TS2950ACT Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2950

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
150mA Ultra Low Dropout Voltage Regulator
logo
Advanced Power Electron...
APU8850 A-POWER-APU8850 Datasheet
234Kb / 6P
150mA ULTRA LOW DROPOUT POSITIVE
APU8850 A-POWER-APU8850_14 Datasheet
148Kb / 7P
150mA ULTRA LOW DROPOUT POSITIVE
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
150mA Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com