Electronic Components Datasheet Search
  English  ▼

X  

TS4264 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264
Description  150mA Ultra Low Drop Out Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4264 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS4264
2-2
2004/01 rev. A
Absolute Maximum Rating
Parameter
Symbol
Values
Unit
Input Supply Voltage
Vin
-42 ~ 45
V
Operating Input Voltage
Vin(opr)
5.5 ~ 45
V
Output Voltage
Vout
-1 ~ 16
V
Power Dissipation
PD
Internally Limited
W
Ground Current
IGND
50
mA
Operating Junction Temperature Range
TJ
-40 ~ +150
oC
Storage Temperature Range
TSTG
-50 ~ +150
oC
Thermal Performance
Parameter
Symbol
Values
Unit
Junction to Ambient
RΘja
80
Junction to Case
RΘjc
18
oC/W
Electrical Characteristics
Vin = 13.5V, -40
≤ Tj ≤ +150, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
6V
≤ Vin ≤ 28V, 5mA ≤ Io ≤ 100mA
4.9
5.0
5.1
V
Output Current Limited
150
--
--
mA
Line Regulation
6V
≤ Vin ≤ 28V, Io=5mA
--
15
30
mV
Load Regulation
5mA
≤ Io ≤ 100mA, Vin= 6V
--
--
90
mV
Dropout Voltage (note 1)
Io=100mA
--
0.25
0.5
V
Io= 1mA
--
--
400
uA
Current Consumption
(Iq= Iin – Iout)
Io= 100mA
--
10
15
mA
Temperature Stability
Io=10mA
--
0.5
--
%
Power Supply Ripple Rejection
f = 100Hz, Vr= 0.5Vp-p
--
54
--
dB
Note 1: Drop voltage = Vin – Vout
(measured where Vout has dropped 100mV from the nominal value obtained at Vin= 13.5V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com