Electronic Components Datasheet Search
  English  ▼

X  

TS4558CD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4558CD
Description  Dual General Purpose Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4558CD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4558CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4558CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4558CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4558CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4558CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS4558
1-5
2003/12 rev. A
TS4558
Dual General Purpose Operational Amplifier
Supply Voltage Range -18 V to 18V
Unity Gain Bandwidth 3MHz
Dual Channel Amplifier
General Description
The TS4558 is dual general purpose operational amplifier, and provide the high common-mode input voltage range and
the absence of latch-up make these amplifiers ideal for voltage follower application.
The devices are short circuit protected and the internal frequency compensation ensures stability without external
components.
The TS4558 is offered in 8 pin SOP-8 and DIP-8 package.
Features
Short circuit protection
Wide common-mode and differential ranges
No frequency compensation required
Low power consumption
No latch-up
3MHz unity gain bandwidth guaranteed
Gain and phase match between amplifiers
Block Diagram
Applications
DVD player
Audio application
Ordering Information
Part No.
Operating Temp.
Package
TS4558CD
DIP-8
TS4558CS
0 ~ +70
oC
SOP-8
Schematic (each amplifier)
Pin Assignment
1. Out A
2. Input A (-)
3. Input A (+)
4. Ground
5. Input B (+)
6. Input B (-)
7. Output B
8. Vcc


Similar Part No. - TS4558CD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4558CD TSC-TS4558CD Datasheet
160Kb / 5P
Dual General Purpose Operational Amplifier
TS4558CD TSC-TS4558CD Datasheet
408Kb / 7P
Dual General Purpose Operational Amplifier
TS4558CDC3 TSC-TS4558CDC3 Datasheet
149Kb / 7P
Dual General Purpose Operational Amplifier
More results

Similar Description - TS4558CD

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
Dual general-purpose operational amplifier
August 31, 1994
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
Dual General Purpose Operational Amplifier
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com