Electronic Components Datasheet Search
  English  ▼

X  

1746923 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1746923
Description  Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1746923 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1746923 Datasheet HTML 1Page - PHOENIX CONTACT 1746923 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1746923
03/24/2014   Page 1 / 2
Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK - 1746923
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 13, Pitch: 5.08 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
5.09 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
60.96 mm
General
Range of articles
MSTBA 2,5/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Color
black
Number of positions
13
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637


Similar Part No. - 1746923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746907 PHOENIX-1746907 Datasheet
99Kb / 6P
Feed-through header - MSTBA 2,5/15-G-5,08 BK
09/12/2020
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
logo
TEKTRONIX, INC.
174694600 TEKTRONIX-174694600 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
logo
TEKTRONIX, INC
17469460X KEITHLEY-17469460X Datasheet
4Mb / 16P
2461 SourceMeter ® SMU Instrument
082821
logo
PHOENIX CONTACT
1746949 PHOENIX-1746949 Datasheet
41Kb / 2P
Base strip - MSTBA 2,5/11-G-5,08 BK
More results

Similar Description - 1746923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740521 PHOENIX-1740521 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08 BK
1746978 PHOENIX-1746978 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 2-G-5,08 BK
1741669 PHOENIX-1741669 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G-5,08 BK
1746855 PHOENIX-1746855 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G-5,08 BK
1746884 PHOENIX-1746884 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/18-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
1763999 PHOENIX-1763999 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 6-G-5,08 BK PIN9,5
1809186 PHOENIX-1809186 Datasheet
66Kb / 5P
Printed-circuit board connector - MSTBA 2,5/13-G-5,08-LR
1741656 PHOENIX-1741656 Datasheet
89Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08 BK
11/04/2018
1746952 PHOENIX-1746952 Datasheet
88Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK
11/04/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com