Electronic Components Datasheet Search
  English  ▼

X  

ABF110 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # ABF110
Description  Surface Mount Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ABF110 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  ABF110 Datasheet HTML 1Page - HY ELECTRONIC CORP. ABF110 Datasheet HTML 2Page - HY ELECTRONIC CORP. ABF110 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristic Curves
ABF105 THRU ABF110
The curve above is for reference only.
ABF1*-13-92-00-BCLC1
Rev. 11, 18-May-2020
Fig. 1 - Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
30
60
90
120
150
Ambient Temperature (℃)
Fig. 3 - Typical Reverse Characteristics
0.1
1
10
100
1000
20
40
60
80
100
TJ=75°C
TJ=25°C
TJ=100C
TJ=125°C
Percent of Rated Peak Reverse Voltage (%)
0.1
1
0.4
0.6
0.8
1
1.2
TJ=25°C
TJ=75°C
TJ=100°C
TJ=125°C
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
0
5
10
15
20
25
30
35
40
1
10
100
Number of Cycles at 60Hz
Fig. 2 - Maximum Non-Repetitive Surge Current
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
2
TJ=150°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com