Electronic Components Datasheet Search
  English  ▼

X  

HM116H Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM116H
Description  Single channel 2.5-12.0V 1.0A H-bridge motor driver chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM116H Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM116H Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116H Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 4 -
单通道 2.5-12.0V 1.0A H 桥电机驱动芯片
绝对最大定额值
参数
最小
最大
单位
电源电压
VM
-0.3
14.0
V
输入电压
INA, INB
-0.3
7.0
静电保护(人体模型)
VM, INA, INB, OUTA, OUTB
4
kV
工作温度
TJ
-40
150
C
存储温度
Tstg
-65
150
热阻
θJA
200
°C/W
推荐工作范围
参数
最小
最大
单位
电源电压
VM
2.5
12.0
V
输入电压
INA,INB
0
7.0
输出电流
IOUTA, IOUTB
0
0.8
A
电气特性(VM=6.0V, Ta=25゜C)
参数
测试条件
最小值
典型值
最大值
单
位
导通阻抗
RDSON
IOUT=0.5A
0.45
0.7
Ω
INA/INB
高电平输入电压
VINH
2.0
7.0
V
低电平输入电压
VINL
0
0.8
高电平输入电流
IINH
25
50
uA
低电平输入电流
IINL
0
1
下拉电阻
RPD
200
400
KΩ
工作电流
电路关断电流
IVM_OFF
INA=INB=0
0
5
uA
电路工作电流
IVM_ON
200
400
HM116H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com