Electronic Components Datasheet Search
  English  ▼

X  

TC212 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TC212
Description  32-Bit Single-Chip Micocontroller
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC212 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TC212 Datasheet HTML 60Page - Infineon Technologies AG TC212 Datasheet HTML 61Page - Infineon Technologies AG TC212 Datasheet HTML 62Page - Infineon Technologies AG TC212 Datasheet HTML 63Page - Infineon Technologies AG TC212 Datasheet HTML 64Page - Infineon Technologies AG TC212 Datasheet HTML 65Page - Infineon Technologies AG TC212 Datasheet HTML 66Page - Infineon Technologies AG TC212 Datasheet HTML 67Page - Infineon Technologies AG TC212 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 191 page
background image
TC212 / TC213 / TC214 / TC222 / TC223 / TC224
Package and Pinning DefinitionsPG-TQFP-100-23 Package Variant Pin
Data Sheet
2-59
V 1.0 2017-09
84
P14.4
I
A1+ /
HighZ /
VDDP3
General-purpose input
TIM0_7
GTM_TIN
P14.4
O0
General-purpose output
TOM0_7
O1
GTM_TOUT (= DTM1_OUT7)
TOM1_7
GTM_TOUT (= DTM5_OUT7)
TOM0_7N
GTM_TOUT (= DTM1_OUT7_N)
TOM1_7N
GTM_TOUT (= DTM5_OUT7_N)
IOM_REF2_8
IOM reference input
—O2
Reserved
—O3
Reserved
—O4
Reserved
—O5
Reserved
—O6
Reserved
—O7
Reserved
85
P14.6
I
A1+ / PU /
VDDP3
General-purpose input
TIM0_1
GTM_TIN
QSPI0_MRSTD
QSPI0 input (aka: MRST0D)
P14.6
O0
General-purpose output
TOM0_1
O1
GTM_TOUT
TOM1_1
GTM_TOUT
IOM_REF2_14
IOM reference input
—O2
Reserved
QSPI2_SLSO2
O3
QSPI2 output (aka: SLSO22)
—O4
Reserved
—O5
Reserved
—O6
Reserved
—O7
Reserved
Table 2-23 Port 14 Functions
(cont’d)
Pin
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com