Electronic Components Datasheet Search
  English  ▼

X  

TC213 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TC213
Description  32-Bit Single-Chip Micocontroller
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC213 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TC213 Datasheet HTML 49Page - Infineon Technologies AG TC213 Datasheet HTML 50Page - Infineon Technologies AG TC213 Datasheet HTML 51Page - Infineon Technologies AG TC213 Datasheet HTML 52Page - Infineon Technologies AG TC213 Datasheet HTML 53Page - Infineon Technologies AG TC213 Datasheet HTML 54Page - Infineon Technologies AG TC213 Datasheet HTML 55Page - Infineon Technologies AG TC213 Datasheet HTML 56Page - Infineon Technologies AG TC213 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 191 page
background image
TC212 / TC213 / TC214 / TC222 / TC223 / TC224
Package and Pinning DefinitionsPG-TQFP-100-23 Package Variant Pin
Data Sheet
2-48
V 1.0 2017-09
8
P02.7
I
A1 /
HighZ /
VDDP3
General-purpose input
TIM0_7
GTM_TIN
QSPI3_SCLKA
QSPI3 input (aka: SCLK3A)
SENT_SENT1C
SENT input
CCU60_CC61INC
CCU60 input
CCU60_CCPOS1A
CCU60 input
CCU61_T13HRB
CCU61 input
GPT120_T3EUDA
GPT120 input
PMU_FDEST
PMU input
P02.7
O0
General-purpose output
TOM0_15
O1
GTM_TOUT
TOM1_15
GTM_TOUT
TOM0_7N
GTM_TOUT (= DTM1_OUT7_N)
TOM1_7N
GTM_TOUT (= DTM5_OUT7_N)
IOM_REF0_7
IOM reference input
—O2
Reserved
QSPI3_SCLK
O3
QSPI3 output (aka: SCLK3)
—O4
Reserved
VADC_EMUX01
O5
VADC output
SENT_SPC1
O6
SENT output
CCU60_CC61
O7
CCU60 output
IOM_MON1_1
IOM monitor input
IOM_REF1_5
IOM reference input
Table 2-19 Port 02 Functions
(cont’d)
Pin
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com