Electronic Components Datasheet Search
  English  ▼

X  

TC233 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC233
Description  32-Bit Single-Chip Microcontroller
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC233 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC233 Datasheet HTML 45Page - Infineon Technologies AG TC233 Datasheet HTML 46Page - Infineon Technologies AG TC233 Datasheet HTML 47Page - Infineon Technologies AG TC233 Datasheet HTML 48Page - Infineon Technologies AG TC233 Datasheet HTML 49Page - Infineon Technologies AG TC233 Datasheet HTML 50Page - Infineon Technologies AG TC233 Datasheet HTML 51Page - Infineon Technologies AG TC233 Datasheet HTML 52Page - Infineon Technologies AG TC233 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
TC233 / TC234 / TC237
Package and Pinning DefinitionsPG-LFBGA-292-6 Package Variant Pin
Data Sheet
2-43
V 1.0 2017-03
F20
P20.8
I
A1 /
HighZ /
VDDP3
General-purpose input
TIM0_7
GTM_TIN
P20.8
O0
General-purpose output
TOM1_7
O1
GTM_TOUT (= DTM5_OUT7)
TOM0_7
GTM_TOUT (= DTM1_OUT7)
TOM0_4
GTM_TOUT (= DTM1_OUT4)
TOM1_4
GTM_TOUT (= DTM5_OUT4)
IOM_MON2_8
IOM monitor input
ASCLIN1_SLSO
O2
ASCLIN1 output (aka: ASLSO1)
QSPI0_SLSO0
O3
QSPI0 output (aka: SLSO00)
QSPI1_SLSO0
O4
QSPI1 output (aka: SLSO10)
CAN0_TXD
O5
CAN node 0 output (aka: TXDCAN0)
IOM_MON2_5
IOM monitor input
IOM_REF2_5
IOM reference input
SCU_WDT0LCK
O6
SCU output
CCU61_CC60
O7
CCU61 output
IOM_MON1_8
IOM monitor input
IOM_REF1_13
IOM reference input
E17
P20.9
I
A1 /
HighZ /
VDDP3
General-purpose input
ASCLIN1_RXC
ASCLIN1 input (aka: ARX1C)
QSPI0_SLSIB
QSPI0 input (aka: SLSI0B)
SCU_REQ11
SCU input
CAN12_RXDE
CAN1 node 2 input (aka: RXDCAN12E)
P20.9
O0
General-purpose output
TOM1_13
O1
GTM_TOUT
TOM0_13
GTM_TOUT
TOM0_4N
GTM_TOUT (= DTM1_OUT4_N)
TOM1_4N
GTM_TOUT (= DTM5_OUT4_N)
IOM_MON2_11
IOM monitor input
—O2
Reserved
QSPI0_SLSO1
O3
QSPI0 output (aka: SLSO01)
QSPI1_SLSO1
O4
QSPI1 output (aka: SLSO11)
—O5
Reserved
SCU_WDTSLCK
O6
SCU output
CCU61_CC61
O7
CCU61 output
IOM_MON1_9
IOM monitor input
IOM_REF1_12
IOM reference input
Table 2-9
Port 20 Functions
(cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com